| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC68HC705MC4MP bảng dữ liệu(PDF) 158 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68HC705MC4MP bảng dữ liệu(HTML) 158 Page - Freescale Semiconductor, Inc |
|
158 / 180 page ![]() Instruction Set MC68HC705MC4 — Rev. 2.0 Instruction Set CLR opr CLRA CLRX CLR opr,X CLR ,X Clear Byte M ← $00 A ← $00 X ← $00 M ← $00 M ← $00 —— 0 1 — DIR INH INH IX1 IX 3F 4F 5F 6F 7F dd ff 5 3 3 6 5 CMP # opr CMP opr CMP opr CMP opr,X CMP opr,X CMP ,X Compare Accumulator with Memory Byte (A) – (M) — — ¤ ¤¤ IMM DIR EXT IX2 IX1 IX A1 B1 C1 D1 E1 F1 ii dd hh ll ee ff ff 2 3 4 5 4 3 COM opr COMA COMX COM opr,X COM ,X Complement Byte (One’s Complement) M ← (M) = $FF – (M) A ← (A) = $FF – (A) X ← (X) = $FF – (X) M ← (M) = $FF – (M) M ← (M) = $FF – (M) —— ¤ ¤ 1 DIR INH INH IX1 IX 33 43 53 63 73 dd ff 5 3 3 6 5 CPX # opr CPX opr CPX opr CPX opr,X CPX opr,X CPX ,X Compare Index Register with Memory Byte (X) – (M) — — ¤ ¤ ¤ IMM DIR EXT IX2 IX1 IX A3 B3 C3 D3 E3 F3 ii dd hh ll ee ff ff 2 3 4 5 4 3 DEC opr DECA DECX DEC opr,X DEC ,X Decrement Byte M ← (M) – 1 A ← (A) – 1 X ← (X) – 1 M ← (M) – 1 M ← (M) – 1 —— ¤ ¤ — DIR INH INH IX1 IX 3A 4A 5A 6A 7A dd ff 5 3 3 6 5 EOR # opr EOR opr EOR opr EOR opr,X EOR opr,X EOR ,X EXCLUSIVE OR Accumulator with Memory Byte A ← (A) ⊕ (M) — — ¤ ¤ — IMM DIR EXT IX2 IX1 IX A8 B8 C8 D8 E8 F8 ii dd hh ll ee ff ff 2 3 4 5 4 3 INC opr INCA INCX INC opr,X INC ,X Increment Byte M ← (M) + 1 A ← (A) + 1 X ← (X) + 1 M ← (M) + 1 M ← (M) + 1 —— ¤ ¤ — DIR INH INH IX1 IX 3C 4C 5C 6C 7C dd ff 5 3 3 6 5 JMP opr JMP opr JMP opr,X JMP opr,X JMP ,X Unconditional Jump PC ← Jump Address ————— DIR EXT IX2 IX1 IX BC CC DC EC FC dd hh ll ee ff ff 2 3 4 3 2 Table 13-6. Instruction Set Summary (Continued) Source Form Operation Description Effect on CCR HIN Z C Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |