công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

68HC705SB7 bảng dữ liệu(PDF) 69 Page - Freescale Semiconductor, Inc

tên linh kiện 68HC705SB7
Giải thích chi tiết về linh kiện  SPECIFICATION (General Release)
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SB7 bảng dữ liệu(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button 68HC705SB7 Datasheet HTML 65Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 66Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 67Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 68Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 69Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 70Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 71Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 72Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 170 page
background image
August 27, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05SB7
16-BIT TIMER
MOTOROLA
REV 2.1
10-7
Reading the ICRH inhibits further captures until the ICRL is also read. Reading
the ICRL after reading the timer status register (TSR) clears the ICF flag bit. does
not inhibit transfer of the free-running counter. There is no conflict between read-
ing the ICRL and transfers from the free-running timer counters. The input capture
registers always contain the free-running timer counter value which corresponds
to the most recent input capture.
NOTE
To prevent interrupts from occurring between readings of the ICRH and ICRL, set
the I bit in the condition code register (CCR) before reading ICRH and clear the I
bit after reading ICRL.
10.4
OUTPUT COMPARE REGISTERS
Figure 10-10. Timer Output Compare Block Diagram
The Output Compare function is a means of generating an output signal when the
16-bit timer counter reaches a selected value as shown in Figure 10-10. Software
writes the selected value into the output compare registers. On every fourth inter-
nal clock cycle (every eight oscillator clock cycle) the output compare circuitry
compares the value of the free-running timer counter to the value written in the
output compare registers. When a match occurs, the timer transfers the output
level (OLVL) from the timer control register (TCR) to the TCMP.
OCRH ($0016)
16-BIT COUNTER
÷ 4
INTERNAL
(fOSC ÷ 2)
TIMER CONTROL REG.
TIMER
REQUEST
OUTPUT COMPARE
RESET
CLOCK
INTERRUPT
OCRL ($0017)
TIMER STATUS REG.
$0012
$0013
INTERNAL
($FFFC)
DATA
R/W
OCRH
R/W
OCRL
BUS
EDGE
SELECT
DETECT
LOGIC
16-BIT COMPARATOR
(OCF)
TCMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com