công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

68HC705SB7 bảng dữ liệu(PDF) 67 Page - Freescale Semiconductor, Inc

tên linh kiện 68HC705SB7
Giải thích chi tiết về linh kiện  SPECIFICATION (General Release)
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SB7 bảng dữ liệu(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button 68HC705SB7 Datasheet HTML 63Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 64Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 65Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 66Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 67Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 68Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 69Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 70Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 170 page
background image
August 27, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05SB7
16-BIT TIMER
MOTOROLA
REV 2.1
10-5
NOTE
To prevent interrupts from occurring between readings of the ACRH and ACRL,
set the I bit in the condition code register (CCR) before reading ACRH and clear
the I bit after reading ACRL.
10.3
INPUT CAPTURE REGISTERS
Figure 10-6. Timer Input Capture Block Diagram
The input capture function is a means to record the time at which an event occurs.
The source of the event can be selected from the following:
•
External input via the PB1 pin
•
CPF flag from the voltage comparator in the analog subsystem
•
SCL signal from the SMBUS
The input capture source is selected by the TCSEL and ICEN bits.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
MCR
R
TSEN
LVRON
0
SCLK
CSSEL
TCSEL
ESVEN
SMINLEV
$000B
W
COPON
reset:
01000000
Figure 10-7. Miscellaneous Control Register (MCR)
ICRH ($0014)
16-BIT COUNTER
÷ 4
INTERNAL
(fOSC ÷ 2)
TIMER CONTROL REG.
TIMER
REQUEST
INPUT CAPTURE (ICF)
RESET
CLOCK
INTERRUPT
ICRL ($0015)
TIMER STATUS REG.
$0012
$0013
INTERNAL
DATA
READ
ICRH
READ
ICRL
LATCH
BUS
EDGE
SELECT
& DETECT
LOGIC
PB1
TCAP
INPUT
SELECT
MUX
CPF
FLAG
ICEN
(bit 4 of $1D)
BIT
INTERNAL
DATA
BUS
TCSEL
(bit 2 of $0B)
SCL
OF
SMBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com