công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

68HC705SB7 bảng dữ liệu(PDF) 46 Page - Freescale Semiconductor, Inc

tên linh kiện 68HC705SB7
Giải thích chi tiết về linh kiện  SPECIFICATION (General Release)
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SB7 bảng dữ liệu(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button 68HC705SB7 Datasheet HTML 42Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 43Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 44Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 45Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 46Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 47Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 48Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 49Page - Freescale Semiconductor, Inc 68HC705SB7 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 170 page
background image
GENERAL RELEASE SPECIFICATION
August 27, 1998
MOTOROLA
LOW POWER MODES
MC68HC05SB7
6-2
REV 2.1
Figure 6-1. STOP and WAIT Flowchart
STOP
CLEAR I BIT IN CCR.
SET IRQE BIT IN ISCR.
CLEAR CTOF, RTIF, CTOFE, AND RTIE BITS IN TSCR.
DISABLE OSCILLATOR
EXTERNAL
RESET?
EXTERNAL
INTERRUPT?
NO
NO
TURN ON OSCILLATOR.
RESET STABILIZATION DELAY TIMER.
YES
YES
END OF
STABILIZATION
DELAY?
YES
NO
WAIT
TURN ON CPU CLOCK.
1. LOAD PC WITH RESET VECTOR
OR
2. SERVICE INTERRUPT.
a. SAVE CPU REGISTERS ON STACK.
b. SET I BIT IN CCR.
c. LOAD PC WITH INTERRUPT VECTOR.
CLEAR ICF, OCF AND TOF BITS IN TSR.
CLEAR ICIE, OCIE and TOIE BITS IN TCR.
CLEAR I BIT IN CCR.
SET IRQE BIT IN ISCR.
TURN OFF CPU CLOCK.
KEEP OTHER MODULE
CLOCKS ACTIVE.
NO
EXTERNAL
RESET?
YES
NO
INTERRUPT?
YES
CDET
NO
EXTERNAL
INTERRUPT?
YES
NO
PROG.
INTERRUPT?
YES
TIMER
NO
SM-BUS
INTERRUPT?
YES
NO
YES
NO
COP
RESET?
YES
INTERRUPT?
ANALOG
CORE
INTERRUPT?
TIMER
YES
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com