công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

12C508 bảng dữ liệu(PDF) 66 Page - Microchip Technology

tên linh kiện 12C508
Giải thích chi tiết về linh kiện  8-Pin, 8-Bit CMOS Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12C508 bảng dữ liệu(HTML) 66 Page - Microchip Technology

Back Button 12C508 Datasheet HTML 62Page - Microchip Technology 12C508 Datasheet HTML 63Page - Microchip Technology 12C508 Datasheet HTML 64Page - Microchip Technology 12C508 Datasheet HTML 65Page - Microchip Technology 12C508 Datasheet HTML 66Page - Microchip Technology 12C508 Datasheet HTML 67Page - Microchip Technology 12C508 Datasheet HTML 68Page - Microchip Technology 12C508 Datasheet HTML 69Page - Microchip Technology 12C508 Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 113 page
background image
PIC12C5XX
DS40139E-page 66
© 1999 Microchip Technology Inc.
11.1
DC CHARACTERISTICS:
PIC12C508/509 (Commercial, Industrial, Extended)
DC Characteristics
Power Supply Pins
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
0
°C ≤ TA ≤ +70°C (commercial)
–40
°C ≤ TA ≤ +85°C (industrial)
–40
°C ≤ TA ≤ +125°C (extended)
Parm
No.
Characteristic
Sym
Min
Typ(1)
Max
Units
Conditions
D001
Supply Voltage
VDD
2.5
3.0
5.5
5.5
V
V
FOSC = DC to 4 MHz (Commercial/
Industrial)
FOSC = DC to 4 MHz (Extended)
D002
RAM Data Retention
Voltage(2)
VDR
1.5*
V
Device in SLEEP mode
D003
VDD Start Voltage to
ensure Power-on Reset
VPOR
VSS
V
See section on Power-on Reset for details
D004
VDD Rise Rate to ensure
Power-on Reset
SVDD
0.05
*
V/ms
See section on Power-on Reset for details
D010
D010C
D010A
Supply Current(3)
IDD
—
—
—
—
—
.78
1.1
10
14
14
2.4
2.4
27
35
35
mA
mA
µA
µA
µA
XT and EXTRC options (4)
FOSC = 4 MHz, VDD = 5.5V
INTRC Option
FOSC = 4 MHz, VDD = 5.5V
LP OPTION, Commercial Temperature
FOSC = 32 kHz, VDD = 3.0V, WDT disabled
LP OPTION, Industrial Temperature
FOSC = 32 kHz, VDD = 3.0V, WDT disabled
LP OPTION, Extended Temperature
FOSC = 32 kHz, VDD = 3.0V, WDT disabled
D020
D021
D021B
Power-Down Current (5)
IPD
—
—
—
0.25
0.25
2
4
5
18
µA
µA
µA
VDD = 3.0V, Commercial WDT disabled
VDD = 3.0V, Industrial WDT disabled
VDD = 3.0V, Extended WDT disabled
D022
∆IWDT —
—
—
3.75
3.75
3.75
8
9
14
µA
µA
µA
VDD = 3.0V, Commercial
VDD = 3.0V, Industrial
VDD = 3.0V, Extended
* These parameters are characterized but not tested.
Note 1: Data in the Typical (“Typ”) column is based on characterization results at 25
°C. This data is for design
guidance only and is not tested.
2: This is the limit to which VDD can be lowered in SLEEP mode without losing RAM data.
3: The supply current is mainly a function of the operating voltage and frequency. Other factors such as
bus loading, oscillator type, bus rate, internal code execution pattern, and temperature also have an
impact on the current consumption.
a) The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tristated, pulled to
Vss, T0CKI = VDD, MCLR = VDD; WDT enabled/disabled as specified.
b) For standby current measurements, the conditions are the same, except that
the device is in SLEEP mode.
4: Does not include current through Rext. The current through the resistor can be estimated by the
formula: IR = VDD/2Rext (mA) with Rext in kOhm.
5: The power down current in SLEEP mode does not depend on the oscillator type. Power down current
is measured with the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD or
VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com