công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

12C508 bảng dữ liệu(PDF) 35 Page - Microchip Technology

tên linh kiện 12C508
Giải thích chi tiết về linh kiện  8-Pin, 8-Bit CMOS Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12C508 bảng dữ liệu(HTML) 35 Page - Microchip Technology

Back Button 12C508 Datasheet HTML 31Page - Microchip Technology 12C508 Datasheet HTML 32Page - Microchip Technology 12C508 Datasheet HTML 33Page - Microchip Technology 12C508 Datasheet HTML 34Page - Microchip Technology 12C508 Datasheet HTML 35Page - Microchip Technology 12C508 Datasheet HTML 36Page - Microchip Technology 12C508 Datasheet HTML 37Page - Microchip Technology 12C508 Datasheet HTML 38Page - Microchip Technology 12C508 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 113 page
background image
© 1999 Microchip Technology Inc.
DS40139E-page 35
PIC12C5XX
8.0
SPECIAL FEATURES OF THE
CPU
What
sets
a
microcontroller
apart
from
other
processors are special circuits to deal with the needs
of real-time applications. The PIC12C5XX family of
microcontrollers has a host of such features intended
to maximize system reliability, minimize cost through
elimination of external components, provide power
saving operating modes and offer code protection.
These features are:
• Oscillator selection
• Reset
- Power-On Reset (POR)
-Device Reset Timer (DRT)
- Wake-up from SLEEP on pin change
• Watchdog Timer (WDT)
• SLEEP
• Code protection
• ID locations
• In-circuit Serial Programming
The PIC12C5XX has a Watchdog Timer which can be
shut off only through configuration bit WDTE. It runs
off of its own RC oscillator for added reliability. If using
XT or LP selectable oscillator options, there is always
an 18 ms (nominal) delay provided by the Device
Reset Timer (DRT), intended to keep the chip in reset
until the crystal oscillator is stable. If using INTRC or
EXTRC there is an 18 ms delay only on VDD power-up.
With this timer on-chip, most applications need no
external reset circuitry.
The SLEEP mode is designed to offer a very low
current power-down mode. The user can wake-up
from SLEEP through a change on input pins or
through a Watchdog Timer time-out. Several oscillator
options are also made available to allow the part to fit
the application, including an internal 4 MHz oscillator.
The EXTRC oscillator option saves system cost while
the
LP
crystal
option
saves
power.
A
set
of
configuration bits are used to select various options.
8.1
Configuration Bits
The PIC12C5XX configuration word consists of 12
bits. Configuration bits can be programmed to select
various device configurations. Two bits are for the
selection of the oscillator type, one bit is the Watchdog
Timer enable bit, and one bit is the MCLR enable bit.
FIGURE 8-1:
CONFIGURATION WORD FOR PIC12C5XX
—
—
—
—
—
—
—
MCLRE
CP
WDTE FOSC1 FOSC0
Register:
CONFIG
Address(1):FFFh
bit11
10
987
654
321
bit0
bit 11-5: Unimplemented
bit 4:
MCLRE: MCLR enable bit.
1 = MCLR pin enabled
0 = MCLR tied to VDD, (Internally)
bit 3:
CP: Code protection bit.
1 = Code protection off
0 = Code protection on
bit 2:
WDTE: Watchdog timer enable bit
1 = WDT enabled
0 = WDT disabled
bit 1-0:
FOSC1:FOSC0: Oscillator selection bits
11 = EXTRC - external RC oscillator
10 = INTRC - internal RC oscillator
01 = XT oscillator
00 = LP oscillator
Note 1:
Refer to the PIC12C5XX Programming Specifications to determine how to access the
configuration word. This register is not user addressable during device operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com