| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AR1010-I/SS bảng dữ liệu(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AR1010-I/SS bảng dữ liệu(HTML) 17 Page - Microchip Technology |
|
17 / 37 page ![]() © 2009 Microchip Technology, Inc. DS41393A-Page 13 7.12.3 SamplingFast Register (offset 0x04) The SamplingFast register sets the level of touch measurement sample averaging, when touch movement is determined to be fast. See the SpeedThreshold register for information on the touch movement threshold. A lower value will provide for a higher touch coordinate reporting rate when touch movement is fast, but may exhibit more high frequency random noise error in the touch position. A higher value will reduce the touch coordinate reporting rate when touch movement is fast, but will reduce high frequency random noise error in the touch position. Valid values are as follows. SamplingFast: 1, 2, 4, 8, 16, 32, 64, 128 7.12.4 SamplingSlow Register (offset 0x05) The SamplingSlow register sets the level of touch measurement sample averaging, when touch movement is slow. See the SpeedThreshold register for information on the touch movement threshold. A lower value will increase the touch coordinate reporting rate when the touch motion is slow, but may exhibit a less stable more jittery touch position. A higher value will decrease the touch coordinate reporting rate when the touch motion is slow, but will provide a more stable touch position. Valid values are as follows. SamplingSlow: 1, 2, 4, 8, 16, 32, 64, 128 7.12.5 AccuracyFilterFast Register (offset 0x06) The AccuracyFilterFast register sets the level of an accuracy enhancement filter, used when the touch movement is fast. See the SpeedThreshold register for information on the touch movement threshold. A lower value will provide better touch coordinate resolution when the touch motion is fast, but may exhibit more low frequency noise error in the touch position. A higher value will reduce touch coordinate resolution when the touch motion is fast, but will reduce low frequency random noise error in the touch position. Valid values are as follows. 1 ≤ AccuracyFilterFast ≤ 8 7.12.6 AccuracyFilterSlow Register (offset 0x07) The AccuracyFilterSlow register sets the level of an accuracy enhancement filter, used when the touch movement is slow. See the SpeedThreshold register for information on the touch movement threshold. A lower value will provide better touch coordinate resolution when the touch motion is slow, but may exhibit more low frequency noise error in the touch position. A higher value will reduce touch coordinate resolution when the touch motion is slow, but will reduce low frequency random noise error in the touch position. Valid values are as follows. 1 ≤ AccuracyFilterSlow ≤ 8 7.12.7 SpeedThreshold Register (offset 0x08) The SpeedThreshold register sets the threshold for touch movement to be considered as slow or fast. A lower value reduces the touch movement speed that will be considered as fast. A higher value increases the touch movement speed that will be considered as fast. Valid values are as follows. 0 ≤ SpeedThrshhold ≤ 255 |