| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AR1010-I/SS bảng dữ liệu(PDF) 29 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AR1010-I/SS bảng dữ liệu(HTML) 29 Page - Microchip Technology |
|
29 / 37 page ![]() © 2009 Microchip Technology, Inc. DS41393A-Page 25 8 BASICS OF RESISTIVE SENSORS 8.1 Terminology ITO (Indium Tin Oxide) is the resistive coating that makes up the active area of the touch sensor. ITO is a transparent semiconductor that is sputtered onto the touch sensor layers. Flex or Film or Topsheet is the top sensor layer that a user touches. Flex refers to the fact that the top layer physically flexes from the pressure of a touch. Stable or Glass is the bottom sensor layer that interfaces against the display. Spacer Adhesive is a frame of adhesive that connects the Flex and Stable layers together around the perimeter. Spacer Dots maintain physical and electrical separation between the Flex and Stable layers. The dots are typically printed onto the Stable layer. Bus Bars or Silver Frit electrically connect to the ITO on the Flex and Stable layers to the sensor’s interface tail. Bus bars are typically screen printed silver ink. They are usually much lower in resistivity than the ITO. X-Axis is the left and right direction on the touch sensor. Y-Axis is the top and bottom direction on the touch sensor. Drive Lines supply a voltage gradient across the sensor. 8.2 General Resistive 4, 5, and 8-wire touch sensors consist of two facing conductive layers, held in physical separation from each other. The force of a touch causes the top layer to move and make electrical contact with the bottom layer. Touch position measurements are typically made by applying a linear voltage gradient across a layer or axis of the touch sensor. The touch position voltage for the axis can be measured using the opposing layer. A comparison of typical sensor constructions is shown below. Sensor Comments 4 Wire Less expensive than 5-wire or 8-wire Lower power than 5-wire More linear (without correction) than 5-wire Touch inaccuracies occur from flex layer damage or resistance changes 5 Wire Maintains touch accuracy with flex layer damage Inherent non-linearity often requires touch data correction Touch inaccuracies occur from resistance changes 8 Wire More expensive than 4 wire Lower power than 5 wire More linear (without correction) than 5-wire Touch inaccuracies occur from flex layer damaged Maintains touch accuracy with resistance changes Table 10 : Sensor Comparison |