| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AR1010-I/SS bảng dữ liệu(PDF) 27 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AR1010-I/SS bảng dữ liệu(HTML) 27 Page - Microchip Technology |
|
27 / 37 page ![]() © 2009 Microchip Technology, Inc. DS41393A-Page 23 7.16 Calibration of Touch Sensor with Controller The reported coordinates from a touch screen controller are typically calibrated to the application’s video display. The task is often left up to the host to perform. This controller provides a feature for it to send coordinates that have already been calibrated, rather than the host needing to perform this task. If enabled, the feature will apply pre-collected 4-point calibration data to the reported touch coordinates. Calibration only accounts for X and Y directional scaling. It does not correct for angular errors due to rotation of the touch sensor on the video display. The calibration process can be cancelled at anytime by sending a command to the controller. Upon completion of the calibration process, the calibration data is automatically stored to the EEPROM and “Calibrated Coordinates” is enabled The process of “calibration” with the controller is described below. 1) Disable touch reporting by issuing <Disable Touch> command. Send : <0x55><0x01><0x13> Receive : <0x55><0x02><Response><0x13> 2) Get register group Start address by issuing <Register Start Address Request> command. A register Start address of 0x07 is used below, for this example. Send : <0x55><0x01><0x22> Receive : <0x55><0x03><0x00><0x22><0x07> 3) Calculate the CalibrationInset register’s address by adding it’s offset value of 0x0E to the register group Start address of 0x07. Register Address = Register Start Address + CalibratioInset Register Offset = 0x07 + 0x0E = 0x15 4) Calculate the desired value for the CalibrationInset register. A Calibration Inset of 12.5% is used below for this example. CalibrationInset = 2 * Desire Calibration Inset % = 2 * 12.5 = 25 = 0x19 5) Set the Calibration Inset by writing the desired value to the CalibrationInset register. Send : <0x55><0x05><0x21><0x00><0x15><0x01><0x19> Receive : <0x55><0x02><0x00><0x21> 6) Issue the <Calibrate Mode> command. Send : <0x55><0x02><0x14><0x04> Receive : <0x55><0x02><0x00><0x14> 7) Software to display the first calibration point target in the upper left quadrant of the display and prompt the user to touch and release the target. 8) Wait for the user to touch and release the first calibration point target. Do this by looking for a controller response of: <0x55><0x02><0x00><0x14> Touch and release target |