| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AR1010-I/SS bảng dữ liệu(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AR1010-I/SS bảng dữ liệu(HTML) 23 Page - Microchip Technology |
|
23 / 37 page ![]() © 2009 Microchip Technology, Inc. DS41393A-Page 19 7.15.3 Calibrate - 0x14 Enter “calibration” mode. This instructs the controller to enter a mode of accepting the next four touches as the calibration point coordinates. See section Calibration of Touch Sensor with Controller for an example. Completion of calibration mode will automatically store the calibration point coordinates in on-board controller memory and set (to 1) the CCE bit of the TouchOptions register. This bit enables the controller to report touch coordinates that have been processed with the pre-collected calibration data. The “calibration” mode will be cancelled by sending any command before the mode has been completed. Send : <0x55><0x02><0x14><Calibration Type> Calibration Type Description 0x04 4 point Receive : <0x55><0x02><Response><0x14> for initial command response <0x55><0x02><Response><0x14> for response to 1 st target touch release <0x55><0x02><Response><0x14> for response to 2 nd target touch release <0x55><0x02><Response><0x14> for response to 3 rd target touch release <0x55><0x02><Response><0x14> for response to 4 th target touch release To provide for proper touch orientation, the four sequential calibration touches must be input in the following physical order on the touch sensor. # 1 # 2 Upper Left Upper Right Touch Sensor # 4 # 3 Lower Left Lower Right |