công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AR1010-I/SS bảng dữ liệu(PDF) 25 Page - Microchip Technology

tên linh kiện AR1010-I/SS
Giải thích chi tiết về linh kiện  Resistive Touch Screen Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1010-I/SS bảng dữ liệu(HTML) 25 Page - Microchip Technology

Back Button AR1010-I/SS Datasheet HTML 21Page - Microchip Technology AR1010-I/SS Datasheet HTML 22Page - Microchip Technology AR1010-I/SS Datasheet HTML 23Page - Microchip Technology AR1010-I/SS Datasheet HTML 24Page - Microchip Technology AR1010-I/SS Datasheet HTML 25Page - Microchip Technology AR1010-I/SS Datasheet HTML 26Page - Microchip Technology AR1010-I/SS Datasheet HTML 27Page - Microchip Technology AR1010-I/SS Datasheet HTML 28Page - Microchip Technology AR1010-I/SS Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
© 2009 Microchip Technology, Inc.
DS41393A-Page 21
7.15.4 Register Read - 0x20
Read a value from a controller register location. This can be used to determine a controller configuration setting.
Configuration registers are defined as an Offset value from the Start address for the register group. Read a
register as follows.
1) Issue the <Register Start Address Request> command to obtain the Start address for the register group.
2) Calculate the desired register’s absolute address by adding the register’s Offset value to Start address for the
register group.
3) Issue this <Register Read> command, as follows, using the calculated register’s absolute address
Send
: <0x55><0x04><0x20><Register Address High byte><Register Address Low byte><# of Registers to Read>
# of Registers to Read
: 0x01 thru 0x08
Register Address High byte
: 0x00
Receive : <0x55><0x02 + # of Registers Read><Response><0x20><Register value>…<Register value>
7.15.5 Register Write - 0x21
Write a value to a controller register location. This can be used to change a controller configuration setting.
Configuration registers are defined as an Offset value from the Start address for the register group. Write a
register as follows.
1) Issue the <Register Start Address Request> command to obtain the Start address for the register group.
2) Calculate the desired register’s absolute address by adding the register’s Offset value to Start address for the
register group.
3) Issue this <Register Write> command, as follows, using the calculated register’s absolute address
Send: <0x55><0x04 + # Registers to Write><0x21><Register Address High byte><Register Address Low byte>
<# of Registers to Write><Data>…<Data>
# of Registers to Write
: 0x01 thru 0x08
Register Address High byte
: 0x00
Receive : <0x55><0x02><Response><0x21>
7.15.6 Register Start Address Request - 0x22
Configuration registers are defined as an Offset value from the Start address for the register group. This
command returns the Start address for the register group.
Send
: <0x55><0x01><0x22>
Receive : <0x55><0x03><Response><0x22><Register Start Address>
7.15.7 Registers Write to EEPROM - 0x23
Save Configuration Register values to EEPROM. This allows the controller to remember configurations settings
through controller power cycles.
Send
: <0x55><0x01><0x23>
Receive : <0x55><0x02><Response><0x23>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37