công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320DM368ZCEF bảng dữ liệu(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320DM368ZCEF
Giải thích chi tiết về linh kiện  TMS320DM368 Digital Media System-on-chip(DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM368ZCEF bảng dữ liệu(HTML) 89 Page - Texas Instruments

Back Button TMS320DM368ZCEF Datasheet HTML 85Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 86Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 87Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 88Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 89Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 90Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 91Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 92Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 208 page
background image
TMS320DM368
www.ti.com
SPRS668A – APRIL 2010
6.8.1
GPIO Peripheral Register Description(s)
Table 6-12 lists the GPIO registers, their corresponding acronyms, and device memory locations (offsets).
Table 6-12. General-Purpose Input/Output (GPIO) Registers
OFFSET
ACRONYM
REGISTER DESCRIPTION
0h
PID
Peripheral Identification Register
8h
BINTEN
GPIO Interrupt Per-Bank Enable Register
GPIO Banks 0 and 1
10h
DIR01
GPIO Banks 0 and 1 Direction Register
14h
OUT_DATA01
GPIO Banks 0 and 1 Output Data Register
18h
SET_DATA01
GPIO Banks 0 and 1 Set Data Register
1Ch
CLR_DATA01
GPIO Banks 0 and 1 Clear Data Register
20h
IN_DATA01
GPIO Banks 0 and 1 Input Data Register
24h
SET_RIS_TRIG
GPIO Set Rising Edge Interrupt Register
28h
CLR_RIS_TRIG
GPIO Clear Rising Edge Interrupt Register
2Ch
SET_FAL_TRIG
GPIO Set Falling Edge Interrupt Register
30h
CLR_FAL_TRIG
GPIO Clear Falling Edge Interrupt Register
34h
INTSTAT
GPIO Interrupt Status Register
GPIO Banks 2 and 3
38h
DIR23
GPIO Banks 2 and 3 Direction Register
3Ch
OUT_DATA23
GPIO Banks 2 and 3 Output Data Register
40h
SET_DATA23
GPIO Banks 2 and 3 Set Data Register
44h
CLR_DATA23
GPIO Banks 2 and 3 Clear Data Register
48h
IN_DATA23
GPIO Banks 2 and 3 Input Data Register
GPIO Bank 4 and 5
60h
DIR45
GPIO Bank 4 and 5 Direction Register
64h
OUT_DATA45
GPIO Bank 4 and 5 Output Data Register
68h
SET_DATA45
GPIO Bank 4 and 5 Set Data Register
6Ch
CLR_DATA45
GPIO Bank 4 and 5 Clear Data Register
70h
IN_DATA45
GPIO Bank 4 and 5 Input Data Register
GPIO Bank 6
88h
DIR6
GPIO Bank 6 Direction Register
8Ch
OUT_DATA6
GPIO Bank 6 Output Data Register
90h
SET_DATA6
GPIO Bank 6 Set Data Register
94h
CLR_DATA6
GPIO Bank 6 Clear Data Register
98h
IN_DATA6
GPIO Bank 6 Input Data Register
6.8.2
GPIO Peripheral Input/Output Electrical Data/Timing
Table 6-13. Timing Requirements for GPIO Inputs (see Figure 6-11)
DEVICE
NO.
UNIT
MIN
MAX
1
tw(GPIH)
Pulse duration, GPIx high
12P(1)
ns
2
tw(GPIL)
Pulse duration, GPIx low
12P(1)
ns
(1)
P = PLLC1.SYSCLK4 period, where SYSCLK4 is an output clock of PLLC1. For more details, see Section 3.3 , Device Clocking.
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
89
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com