công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320DM368ZCEF bảng dữ liệu(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320DM368ZCEF
Giải thích chi tiết về linh kiện  TMS320DM368 Digital Media System-on-chip(DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM368ZCEF bảng dữ liệu(HTML) 83 Page - Texas Instruments

Back Button TMS320DM368ZCEF Datasheet HTML 79Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 80Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 81Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 82Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 83Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 84Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 85Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 86Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 208 page
background image
MXI1/CLKIN
2
3
4
4
5
1
TMS320DM368
www.ti.com
SPRS668A – APRIL 2010
Table 6-3. Switching Characteristics Over Recommended Operating Conditions for System Oscillator
PARAMETER
MIN
TYP
MAX
UNIT
Start-up time (from power up until oscillating at stable frequency)
2
ms
Oscillation frequency
19.2/24/2
MHz
7/36
Crystal ESR
19 - 30 MHz
60
Ω
30 - 36 MHz
40
Ω
Frequency stability
+/-50
ppm
6.6.2
Clock PLL Electrical Data/Timing (Input and Output Clocks)
Table 6-4. Timing Requirements for MXI1/CLKIN1(1) (2) (3) (see Figure 6-6)
DEVICE
NO
UNIT
.
MIN
TYP
MAX
1
tc(MXI1)
Cycle time, MXI1/CLKIN1
27.7
52.083
ns
2
tw(MXI1H)
Pulse duration, MXI1/CLKIN1 high
0.45C
0.55C
ns
3
tw(MXI1L)
Pulse duration, MXI1/CLKIN1 low
0.45C
0.55C
ns
4
tt(MXI1)
Transition time, MXI1/CLKIN1
.05C
ns
5
tJ(MXI1)
Period jitter, MXI1/CLKIN1
.02C
ns
(1)
The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
(2)
C = MXI1/CLKIN1 cycle time in ns. For example, when MXI1/CLKIN1 frequency is 24 MHz use C = 41.6 ns.
(3)
tc(MXI1) = 52.083 ns, tc(MXI1) = 41.6 ns, tc(MXI1) = 37.037 ns, and tc(MXI1) = 27.7 ns are the only supported cycle times for
MXI1/CLKIN1.
Figure 6-6. MXI1/CLKIN1 Timing
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
83
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com