công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320DM368ZCEF bảng dữ liệu(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320DM368ZCEF
Giải thích chi tiết về linh kiện  TMS320DM368 Digital Media System-on-chip(DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM368ZCEF bảng dữ liệu(HTML) 86 Page - Texas Instruments

Back Button TMS320DM368ZCEF Datasheet HTML 82Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 83Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 84Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 85Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 86Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 87Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 88Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 89Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 208 page
background image
TMS320DM368
SPRS668A – APRIL 2010
www.ti.com
Table 6-8. Switching Characteristics Over Recommended Operating Conditions for RTC Oscillator
PARAMETER
MIN
TYP
MAX
UNIT
Start-up time (from power up until oscillating at stable frequency)
0.85
2
s
Oscillation frequency
32.768
kHz
Crystal ESR
70
k
Ω
Frequency stability
+/- 50
ppm
The load capacitors, C1 and C2, should be chosen such that the equation is satisfied (typical values are
C1 = C2 = 2 fF). CL in the equation is the load specified by the crystal manufacturer. All discrete
components used to implement the oscillator circuit should be placed as close as possible to the
associated oscillator pins (RTCXI and RTCXO) and to the VSS_MX1 pin.
6.7
Power Management and Real Time Clock Subsystem (PRTCSS)
The Power Management and Real Time Clock Subsystem (PRTCSS) is used for calendar applications.
The PRTCSS has an independent power supply and can remain ON while the rest of the power supply is
turned OFF. The PRTCSS supports the following features:
•
Real Time Clock (RTC)
–
Simple day counter (Up to 89-years)
–
To generate the Alarm event to check the RTC count
–
16-bit simple timer
–
Watch-dog timer to generate the event for RTC-Sequencer
•
General Purpose I/O with Anti-chattering
–
3-output pins (PWRCTRO[2:0])
–
7-In/Output pins (PWRCTRIO[6:0])
6.7.1
PRTCSS Peripheral Register Description(s)
The following table lists the PRTCSS Interface registers (PRTCIF) and Table 6-10 lists the PRTCSS
registers which can only be accessed via the PRTCIF registers, their corresponding acronyms, and device
memory locations (offsets). For more details, see the TMS320DM36x PRTCSS User's Guide (literature
number SPRUFJ0).
Table 6-9. PRTC Interface (PRTCIF) Registers
Offset
Acronym
Register Description
0x0
PID
PRTCIF peripheral ID register
0x4
PRTCIF_CTRL
PRTCIF control register
0x8
PRTCIF_LDATA
PRTCIF access lower data register
0xC
PRTCIF_UDATA
PRTCIF access upper data register
0x10
PRTCIF_INTEN
PRTCIF interrupt enable register
0x14
PRTCIF_INTFLG
PRTCIF interrupt flag register
Table 6-10. Power Management and Real Time Clock Subsystem (PRTCSS) Registers
Offset
Acronym
Register Description
0x0
GO_OUT
Global output pin output data register
0x1
GIO_OUT
Global input/output pin output data register
0x2
GIO_DIR
Global input/output pin direction register
0x3
GIO_IN
Global input/output pin input data register
0x4
GIO_FUNC
Global input/output pin function register
0x5
GIO_RISE_INT_EN
GIO rise interrupt enable register
0x6
GIO_FALL_INT_EN
GIO fall interrupt enable register
86
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com