công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320DM368ZCEF bảng dữ liệu(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320DM368ZCEF
Giải thích chi tiết về linh kiện  TMS320DM368 Digital Media System-on-chip(DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM368ZCEF bảng dữ liệu(HTML) 53 Page - Texas Instruments

Back Button TMS320DM368ZCEF Datasheet HTML 49Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 50Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 51Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 52Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 53Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 54Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 55Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 56Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 208 page
background image
TMS320DM368
www.ti.com
SPRS668A – APRIL 2010
–
Support for up to 30KB UBL (32KB - ~2KB for RBL stack)
–
SDHC boot supported by RBL
•
ARM ROM Boot - UART mode
–
If the state of BTSEL[2:0] pins at reset is 011, then the UART boot mode executes. This mode
enables a small program, referred to here as a user boot loader (UBL), to be downloaded to the
on-chip ARM internal RAM via the on-chip serial UART and executed. A host program, (referred to
as serial host utility program), manages the interaction with RBL and provides a means for operator
feedback and input. The UART boot mode execution assumes the following UART settings:
Time-Out 500 ms, one-shot Serial RS-232 port 115.2 Kbps, 8-bit, no parity, one stop bit Command,
data, and checksum format Everything sent from the host to the device UART RBL must be in
ASCII format
–
No support for a full firmware boot. Instead, loads a second stage user boot loader (UBL) via UART
to ARM internal RAM (AIM) and transfers control to the user software.
–
Support for up to 30KB UBL (32KB - ~2KB for RBL stack)
•
ARM ROM Boot – USB Mode
–
No support for a full firmware boot. Instead, loads a second stage User Boot Loader (UBL) via USB
to ARM Internal RAM (AIM) and transfers control to the users software.
•
ARM ROM Boot – SPI Mode
–
The device will copy UBL to ARM Internal RAM (AIM) via SPI interface from a SPI peripheral like
SPI EEPROM. RBL will then transfer control to the UBL.
•
ARM ROM Boot – EMAC Mode
–
The device will send a boot request packet and the host/server will respond with the boot packets.
RBL will wait for all boot packets to arrive and then transfer control to the UBL which is received via
boot packets. In EMAC boot mode an I2C EEPROM or SPI EEPROM is necessary for
programming EMAC descriptor (including EMAC address for the device)
Note: If a magic number is not found in the EEPROM, then the EMAC boot mode will use a default
MAC address. In this case, there will be no magic number support.
•
ARM ROM Boot – HPI Mode
–
The Host will copy UBL to ARM Internal RAM (AIM) via HPI interface and notify the ROM
bootloader after copy is finished. RBL will then transfer control to the UBL.
The general boot sequence is shown in Figure 3-1. For more information, refer to the TMS320DM36x
DMSoC ARM Subsystem Reference Guide (literature number SPRUFG5).
Copyright © 2010, Texas Instruments Incorporated
Device Configurations
53
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com