công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320DM368ZCEF bảng dữ liệu(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320DM368ZCEF
Giải thích chi tiết về linh kiện  TMS320DM368 Digital Media System-on-chip(DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM368ZCEF bảng dữ liệu(HTML) 49 Page - Texas Instruments

Back Button TMS320DM368ZCEF Datasheet HTML 45Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 46Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 47Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 48Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 49Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 50Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 51Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 52Page - Texas Instruments TMS320DM368ZCEF Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 208 page
background image
TMS320DM368
www.ti.com
SPRS668A – APRIL 2010
shift registers, display drivers, SPI EPROMs and analog-to-digital converters.
SPRUFH2
TMS320DM36x Digital Media System-on-Chip (DMSoC) Universal Asynchronous
Receiver/Transmitter (UART) Users Guide. This document describes the universal
asynchronous receiver/transmitter (UART) peripheral in the TMS320DM36x Digital Media
System-on-Chip (DMSoC). The UART peripheral performs serial-to-parallel conversion on
data received from a peripheral device, and parallel-to-serial conversion on data received
from the CPU.
SPRUFH3
TMS320DM36x Digital Media System-on-Chip (DMSoC) Inter-Integrated Circuit (I2C)
Peripheral Users Guide. This document describes the inter-integrated circuit (I2C)
peripheral in the TMS320DM36x Digital Media System-on-Chip (DMSoC). The I2C peripheral
provides an interface between the DMSoC and other devices compliant with the I2C-bus
specification and connected by way of an I2C-bus.
SPRUFH5
TMS320DM36x Digital Media System-on-Chip (DMSoC) Multimedia Card (MMC)/Secure
Digital (SD) Card Controller Users Guide. This document describes the multimedia card
(MMC)/secure
digital
(SD)
card
controller
in
the
TMS320DM36x
Digital
Media
System-on-Chip (DMSoC).
SPRUFH6
TMS320DM36x Digital Media System-on-Chip (DMSoC) Pulse-Width Modulator (PWM)
Users Guide. This document describes the pulse-width modulator (PWM) peripheral in the
TMS320DM36x Digital Media System-on-Chip (DMSoC).
SPRUFH7
TMS320DM36x Digital Media System-on-Chip (DMSoC) Real-Time Out (RTO) Controller
Users Guide. This document describes the Real Time Out (RTO) controller in the
TMS320DM36x Digital Media System-on-Chip (DMSoC).
SPRUFH8
TMS320DM36x Digital Media System-on-Chip (DMSoC) General-Purpose Input/Output
(GPIO) Users Guide. This document describes the general-purpose input/output (GPIO)
peripheral in the TMS320DM36x Digital Media System-on-Chip (DMSoC). The GPIO
peripheral provides dedicated general-purpose pins that can be configured as either inputs
or outputs.
SPRUFH9
TMS320DM36x Digital Media System-on-Chip (DMSoC) Universal Serial Bus (USB)
Controller Users Guide. This document describes the universal serial bus (USB) controller
in the TMS320DM36x Digital Media System-on-Chip (DMSoC). The USB controller supports
data throughput rates up to 480 Mbps. It provides a mechanism for data transfer between
USB devices and also supports host negotiation.
SPRUFI0
TMS320DM36x Digital Media System-on-Chip (DMSoC) Enhanced Direct Memory
Access (EDMA) Controller Users Guide. This document describes the operation of the
enhanced direct memory access (EDMA3) controller in the TMS320DM36x Digital Media
System-on-Chip
(DMSoC).
The
EDMA
controller's
primary
purpose
is
to
service
user-programmed data transfers between two memory-mapped slave endpoints on the
DMSoC.
SPRUFI1
TMS320DM36x
Digital
Media
System-on-Chip
(DMSoC)
Asynchronous
External
Memory Interface (EMIF) Users Guide. This document describes the asynchronous
external memory interface (EMIF) in the TMS320DM36x Digital Media System-on-Chip
(DMSoC). The EMIF supports a glueless interface to a variety of external devices.
SPRUFI2
TMS320DM36x
Digital
Media
System-on-Chip
(DMSoC)
DDR2/Mobile
DDR
(DDR2/mDDR)
Memory
Controller
Users
Guide.
This
document
describes
the
DDR2/mDDR memory controller in the TMS320DM36x Digital Media System-on-Chip
(DMSoC). The DDR2/mDDR memory controller is used to interface with JESD79D-2A
standard compliant DDR2 SDRAM and mobile DDR devices.
SPRUFI3
TMS320DM36x Digital Media System-on-Chip (DMSoC) Multibuffered Serial Port
Interface (McBSP) User's Guide. This document describes the operation of the
Copyright © 2010, Texas Instruments Incorporated
Device Overview
49
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com