| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM1707ZKB4 bảng dữ liệu(PDF) 113 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM1707ZKB4 bảng dữ liệu(HTML) 113 Page - Texas Instruments |
|
113 / 198 page ![]() AM1707 www.ti.com SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010 Table 6-56. Additional(1) SPI0 Master Timings, 4-Pin Enable Option(2) (3) No. PARAMETER MIN MAX UNIT Polarity = 0, Phase = 0, 3P + 3 to SPI0_CLK rising Polarity = 0, Phase = 1, 0.5tc(SPC)M + 3P + 3 Delay from slave assertion of to SPI0_CLK rising 17 td(ENA_SPC)M SPI0_ENA active to first SPI0_CLK ns Polarity = 1, Phase = 0, from master.(4) 3P + 3 to SPI0_CLK falling Polarity = 1, Phase = 1, 0.5tc(SPC)M + 3P + 3 to SPI0_CLK falling Polarity = 0, Phase = 0, 0.5tc(SPC)M + P + 5 from SPI0_CLK falling Polarity = 0, Phase = 1, Max delay for slave to deassert P + 5 from SPI0_CLK falling SPI0_ENA after final SPI0_CLK edge 18 td(SPC_ENA)M ns to ensure master does not begin the Polarity = 1, Phase = 0, 0.5tc(SPC)M + P + 5 next transfer.(5) from SPI0_CLK rising Polarity = 1, Phase = 1, P + 5 from SPI0_CLK rising (1) These parameters are in addition to the general timings for SPI master modes ( Table 6-54 ). (2) P = SYSCLK2 period (3) Figure shows only Polarity = 0, Phase = 0 as an example. Table gives parameters for all four master clocking modes. (4) In the case where the master SPI is ready with new data before SPI0_ENA assertion. (5) In the case where the master SPI is ready with new data before SPI0_EN A deassertion. Table 6-57. Additional(1) SPI0 Master Timings, 4-Pin Chip Select Option(2) (3) No. PARAMETER MIN MAX UNIT Polarity = 0, Phase = 0, 2P - 5 to SPI0_CLK rising Polarity = 0, Phase = 1, 0.5tc(SPC)M + 2P - 5 to SPI0_CLK rising Delay from SPI0_SCS active to first 19 td(SCS_SPC)M ns SPI0_CLK(4) (5) Polarity = 1, Phase = 0, 2P - 5 to SPI0_CLK falling Polarity = 1, Phase = 1, 0.5tc(SPC)M + 2P - 5 to SPI0_CLK falling Polarity = 0, Phase = 0, 0.5tc(SPC)M + P - 3 from SPI0_CLK falling Polarity = 0, Phase = 1, P - 3 from SPI0_CLK falling Delay from final SPI0_CLK edge to 20 td(SPC_SCS)M ns master deasserting SPI0_SCS (6) (7) Polarity = 1, Phase = 0, 0.5tc(SPC)M + P - 3 from SPI0_CLK rising Polarity = 1, Phase = 1, P - 3 from SPI0_CLK rising (1) These parameters are in addition to the general timings for SPI master modes ( Table 6-54 ). (2) P = SYSCLK2 period (3) Figure shows only Polarity = 0, Phase = 0 as an example. Table gives parameters for all four master clocking modes. (4) In the case where the master SPI is ready with new data before SPI0_SCS assertion. (5) This delay can be increased under software control by the register bit field SPIDELAY.C2TDELAY[4:0]. (6) Except for modes when SPIDAT1.CSHOLD is enabled and there is additional data to transmit. In this case, SPI0_SCS will remain asserted. (7) This delay can be increased under software control by the register bit field SPIDELAY.T2CDELAY[4:0]. Copyright © 2010, Texas Instruments Incorporated Peripheral Information and Electrical Specifications 113 Submit Documentation Feedback Product Folder Link(s): AM1707 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |