| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM1707ZKB4 bảng dữ liệu(PDF) 112 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM1707ZKB4 bảng dữ liệu(HTML) 112 Page - Texas Instruments |
|
112 / 198 page ![]() AM1707 SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010 www.ti.com Table 6-55. General Timing Requirements for SPI0 Slave Modes(1) No. PARAMETER MIN MAX UNIT greater of 2P or 9 tc(SPC)S Cycle Time, SPI0_CLK, All Slave Modes 256P ns 20 ns 10 tw(SPCH)S Pulse Width High, SPI0_CLK, All Slave Modes 18 ns 11 tw(SPCL)S Pulse Width Low, SPI0_CLK, All Slave Modes 18 ns Polarity = 0, Phase = 0, 2P to SPI0_CLK rising Polarity = 0, Phase = 1, 2P Setup time, transmit data written to SPI to SPI0_CLK rising 12 tsu(SOMI_SPC)S before initial clock edge from master.(2) ns Polarity = 1, Phase = 0, (3) 2P to SPI0_CLK falling Polarity = 1, Phase = 1, 2P to SPI0_CLK falling Polarity = 0, Phase = 0, 18.5 from SPI0_CLK rising Polarity = 0, Phase = 1, 18.5 Delay, subsequent bits valid on from SPI0_CLK falling 13 td(SPC_SOMI)S SPI0_SOMI after transmit edge of ns Polarity = 1, Phase = 0, SPI0_CLK 18.5 from SPI0_CLK falling Polarity = 1, Phase = 1, 18.5 from SPI0_CLK rising Polarity = 0, Phase = 0, 0.5tc(SPC)S -3 from SPI0_CLK falling Polarity = 0, Phase = 1, 0.5tc(SPC)S -3 from SPI0_CLK rising Output hold time, SPI0_SOMI valid afte 14 toh(SPC_SOMI)S ns receive edge of SPI0_CLK Polarity = 1, Phase = 0, 0.5tc(SPC)S -3 from SPI0_CLK rising Polarity = 1, Phase = 1, 0.5tc(SPC)S -3 from SPI0_CLK falling Polarity = 0, Phase = 0, 0 to SPI0_CLK falling Polarity = 0, Phase = 1, 0 to SPI0_CLK rising Input Setup Time, SPI0_SIMO valid 15 tsu(SIMO_SPC)S ns before receive edge of SPI0_CLK Polarity = 1, Phase = 0, 0 to SPI0_CLK rising Polarity = 1, Phase = 1, 0 to SPI0_CLK falling Polarity = 0, Phase = 0, 5 from SPI0_CLK falling Polarity = 0, Phase = 1, 5 from SPI0_CLK rising Input Hold Time, SPI0_SIMO valid after 16 tih(SPC_SIMO)S ns receive edge of SPI0_CLK Polarity = 1, Phase = 0, 5 from SPI0_CLK rising Polarity = 1, Phase = 1, 5 from SPI0_CLK falling (1) P = SYSCLK2 period (2) First bit may be MSB or LSB depending upon SPI configuration. SO(0) refers to first bit and SO(n) refers to last bit output on SPI0_SOMI. SI(0) refers to the first bit input and SI(n) refers to the last bit input on SPI0_SIMO. (3) Measured from the termination of the write of new data to the SPI module, In analyzing throughput requirements, additional internal bus cycles must be accounted for to allow data to be written to the SPI module by the CPU. 112 Peripheral Information and Electrical Specifications Copyright © 2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM1707 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |