công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM1707ZKB4 bảng dữ liệu(PDF) 100 Page - Texas Instruments

tên linh kiện AM1707ZKB4
Giải thích chi tiết về linh kiện  AM1707 ARM Microprocessor
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AM1707ZKB4 bảng dữ liệu(HTML) 100 Page - Texas Instruments

Back Button AM1707ZKB4 Datasheet HTML 96Page - Texas Instruments AM1707ZKB4 Datasheet HTML 97Page - Texas Instruments AM1707ZKB4 Datasheet HTML 98Page - Texas Instruments AM1707ZKB4 Datasheet HTML 99Page - Texas Instruments AM1707ZKB4 Datasheet HTML 100Page - Texas Instruments AM1707ZKB4 Datasheet HTML 101Page - Texas Instruments AM1707ZKB4 Datasheet HTML 102Page - Texas Instruments AM1707ZKB4 Datasheet HTML 103Page - Texas Instruments AM1707ZKB4 Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 198 page
background image
AM1707
SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
6.17.2 McASP Electrical Data/Timing
6.17.2.1 Multichannel Audio Serial Port 0 (McASP0) Timing
Table 6-47 and Table 6-48 assume testing over recommended operating conditions (see Figure 6-34 and
Figure 6-35).
Table 6-47. McASP0 Timing Requirements(1) (2)
No.
PARAMETER
MIN
MAX
UNIT
Cycle time, AHCLKR0 external, AHCLKR0 input
20
1
tc(AHCLKRX)
ns
Cycle time, AHCLKX0 external, AHCLKX0 input
20
Pulse duration, AHCLKR0 external, AHCLKR0 input
10
2
tw(AHCLKRX)
ns
Pulse duration, AHCLKX0 external, AHCLKX0 input
10
Cycle time, ACLKR0 external, ACLKR0 input
greater of 2P or 20
3
tc(ACLKRX)
ns
Cycle time, ACLKX0 external, ACLKX0 input
greater of 2P or 20
Pulse duration, ACLKR0 external, ACLKR0 input
10
4
tw(ACLKRX)
ns
Pulse duration, ACLKX0 external, ACLKX0 input
10
Setup time, AFSR0 input to ACLKR0 internal(3)
9.4
Setup time, AFSX0 input to ACLKX0 internal
9.4
Setup time, AFSR0 input to ACLKR0 external input(3)
3
5
tsu(AFSRX-ACLKRX)
ns
Setup time, AFSX0 input to ACLKX0 external input
3
Setup time, AFSR0 input to ACLKR0 external output(3)
3
Setup time, AFSX0 input to ACLKX0 external output
3
Hold time, AFSR0 input after ACLKR0 internal(3)
-1.9
Hold time, AFSX0 input after ACLKX0 internal
-1.9
Hold time, AFSR0 input after ACLKR0 external input(3)
0.5
6
th(ACLKRX-AFSRX)
ns
Hold time, AFSX0 input after ACLKX0 external input
0.8
Hold time, AFSR0 input after ACLKR0 external output(3)
0.5
Hold time, AFSX0 input after ACLKX0 external output
0.5
Setup time, AXR0[n] input to ACLKR0 internal(3)
9.4
Setup time, AXR0[n] input to ACLKX0 internal(4)
9.4
Setup time, AXR0[n] input to ACLKR0 external input(3)
3
7
tsu(AXR-ACLKRX)
ns
Setup time, AXR0[n] input to ACLKX0 external input(4)
3
Setup time, AXR0[n] input to ACLKR0 external output(3)
3
Setup time, AXR0[n] input to ACLKX0 external output(4)
3
Hold time, AXR0[n] input after ACLKR0 internal(3)
-1.7
Hold time, AXR0[n] input after ACLKX0 internal(4)
-1.7
Hold time, AXR0[n] input after ACLKR0 external input(3)
0.6
8
th(ACLKRX-AXR)
ns
Hold time, AXR0[n] input after ACLKX0 external input(4)
0.6
Hold time, AXR0[n] input after ACLKR0 external output(3)
0.6
Hold time, AXR0[n] input after ACLKX0 external output(4)
0.6
(1)
ACLKX0 internal – McASP0 ACLKXCTL.CLKXM = 1, PDIR.ACLKX = 1
ACLKX0 external input – McASP0 ACLKXCTL.CLKXM = 0, PDIR.ACLKX = 0
ACLKX0 external output – McASP0 ACLKXCTL.CLKXM = 0, PDIR.ACLKX = 1
ACLKR0 internal – McASP0 ACLKRCTL.CLKRM = 1, PDIR.ACLKR =1
ACLKR0 external input – McASP0 ACLKRCTL.CLKRM = 0, PDIR.ACLKR = 0
ACLKR0 external output – McASP0 ACLKRCTL.CLKRM = 0, PDIR.ACLKR = 1
(2)
P = SYSCLK2 period
(3)
McASP0 ACLKXCTL.ASYNC=1: Receiver is clocked by its own ACLKR0
(4)
McASP0 ACLKXCTL.ASYNC=0: Receiver is clocked by transmitter's ACLKX0
100
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com