công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM1707ZKB4 bảng dữ liệu(PDF) 51 Page - Texas Instruments

tên linh kiện AM1707ZKB4
Giải thích chi tiết về linh kiện  AM1707 ARM Microprocessor
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AM1707ZKB4 bảng dữ liệu(HTML) 51 Page - Texas Instruments

Back Button AM1707ZKB4 Datasheet HTML 47Page - Texas Instruments AM1707ZKB4 Datasheet HTML 48Page - Texas Instruments AM1707ZKB4 Datasheet HTML 49Page - Texas Instruments AM1707ZKB4 Datasheet HTML 50Page - Texas Instruments AM1707ZKB4 Datasheet HTML 51Page - Texas Instruments AM1707ZKB4 Datasheet HTML 52Page - Texas Instruments AM1707ZKB4 Datasheet HTML 53Page - Texas Instruments AM1707ZKB4 Datasheet HTML 54Page - Texas Instruments AM1707ZKB4 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 198 page
background image
AM1707
www.ti.com
SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010
6.7.2
Device Clock Generation
PLL0 is controlled by PLL Controller 0. The PLLC0 manages the clock ratios, alignment, and gating for the
system clocks to the chip. The PLLC is responsible for controlling all modes of the PLL through software,
in terms of pre-division of the clock inputs, multiply factor within the PLL, and post-division for each of the
chip-level clocks from the PLL output. The PLLC also controls reset propagation through the chip, clock
alignment, and test points.
6.7.3
PLL Controller 0 Registers
Table 6-6. PLL Controller 0 Registers
BYTE
ACRONYM
REGISTER DESCRIPTION
ADDRESS
0x01C1 1000
REVID
Revision Identification Register
0x01C1 10E4
RSTYPE
Reset Type Status Register
0x01C1 1100
PLLCTL
PLL Control Register
0x01C1 1104
OCSEL
OBSCLK Select Register
0x01C1 1110
PLLM
PLL Multiplier Control Register
0x01C1 1114
PREDIV
PLL Pre-Divider Control Register
0x01C1 1118
PLLDIV1
PLL Controller Divider 1 Register
0x01C1 111C
PLLDIV2
PLL Controller Divider 2 Register
0x01C1 1120
PLLDIV3
PLL Controller Divider 3 Register
0x01C1 1124
OSCDIV
Oscillator Divider 1 Register (OBSCLK)
0x01C1 1128
POSTDIV
PLL Post-Divider Control Register
0x01C1 1138
PLLCMD
PLL Controller Command Register
0x01C1 113C
PLLSTAT
PLL Controller Status Register
0x01C1 1140
ALNCTL
PLL Controller Clock Align Control Register
0x01C1 1144
DCHANGE
PLLDIV Ratio Change Status Register
0x01C1 1148
CKEN
Clock Enable Control Register
0x01C1 114C
CKSTAT
Clock Status Register
0x01C1 1150
SYSTAT
SYSCLK Status Register
0x01C1 1160
PLLDIV4
PLL Controller Divider 4 Register
0x01C1 1164
PLLDIV5
PLL Controller Divider 5 Register
0x01C1 1168
PLLDIV6
PLL Controller Divider 6 Register
0x01C1 116C
PLLDIV7
PLL Controller Divider 7 Register
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
51
Submit Documentation Feedback
Product Folder Link(s): AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com