công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM1707ZKB4 bảng dữ liệu(PDF) 104 Page - Texas Instruments

tên linh kiện AM1707ZKB4
Giải thích chi tiết về linh kiện  AM1707 ARM Microprocessor
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AM1707ZKB4 bảng dữ liệu(HTML) 104 Page - Texas Instruments

Back Button AM1707ZKB4 Datasheet HTML 100Page - Texas Instruments AM1707ZKB4 Datasheet HTML 101Page - Texas Instruments AM1707ZKB4 Datasheet HTML 102Page - Texas Instruments AM1707ZKB4 Datasheet HTML 103Page - Texas Instruments AM1707ZKB4 Datasheet HTML 104Page - Texas Instruments AM1707ZKB4 Datasheet HTML 105Page - Texas Instruments AM1707ZKB4 Datasheet HTML 106Page - Texas Instruments AM1707ZKB4 Datasheet HTML 107Page - Texas Instruments AM1707ZKB4 Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 198 page
background image
AM1707
SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
6.17.2.3 Multichannel Audio Serial Port 2 (McASP2) Timing
Table 6-51 and Table 6-52 assume testing over recommended operating conditions (see Figure 6-34 and
Figure 6-35).
Table 6-51. McASP2 Timing Requirements(1) (2)
No.
PARAMETER
MIN
MAX
UNIT
Cycle time, AHCLKR2 external, AHCLKR2 input
13
1
tc(AHCLKRX)
ns
Cycle time, AHCLKX2 external, AHCLKX2 input
13
Pulse duration, AHCLKR2 external, AHCLKR2 input
6.5
2
tw(AHCLKRX)
ns
Pulse duration, AHCLKX2 external, AHCLKX2 input
6.5
Cycle time, ACLKR2 external, ACLKR2 input
greater of 2P or 13
3
tc(ACLKRX)
ns
Cycle time, ACLKX2 external, ACLKX2 input
greater of 2P or 13
Pulse duration, ACLKR2 external, ACLKR2 input
6.5
4
tw(ACLKRX)
ns
Pulse duration, ACLKX2 external, ACLKX2 input
6.5
Setup time, AFSR2 input to ACLKR2 internal(3)
10
Setup time, AFSX2 input to ACLKX2 internal
10
Setup time, AFSR2 input to ACLKR2 external input(3)
1.6
5
tsu(AFSRX-ACLKRX)
ns
Setup time, AFSX2 input to ACLKX2 external input
1.6
Setup time, AFSR2 input to ACLKR2 external output(3)
1.6
Setup time, AFSX2 input to ACLKX2 external output
1.6
Hold time, AFSR2 input after ACLKR2 internal(3)
-1.9
Hold time, AFSX2 input after ACLKX2 internal
-2
Hold time, AFSR2 input after ACLKR2 external input(3)
1.4
6
th(ACLKRX-AFSRX)
ns
Hold time, AFSX2 input after ACLKX2 external input
1.4
Hold time, AFSR2 input after ACLKR2 external output(3)
1.4
Hold time, AFSX2 input after ACLKX2 external output
1.4
Setup time, AXR2[n] input to ACLKR2 internal(3)
10
Setup time, AXR2[n] input to ACLKX2 internal(4)
10
Setup time, AXR2[n] input to ACLKR2 external input(3)
1.6
7
tsu(AXR-ACLKRX)
ns
Setup time, AXR2[n] input to ACLKX2 external input(4)
1.6
Setup time, AXR2[n] input to ACLKR2 external output(3)
1.6
Setup time, AXR2[n] input to ACLKX2 external output(4)
1.6
Hold time, AXR2[n] input after ACLKR2 internal(3)
-2.2
Hold time, AXR2[n] input after ACLKX2 internal(4)
-2.2
Hold time, AXR2[n] input after ACLKR2 external input(3)
1.3
8
th(ACLKRX-AXR)
ns
Hold time, AXR2[n] input after ACLKX2 external input(4)
1.3
Hold time, AXR2[n] input after ACLKR2 external output(3)
1.3
Hold time, AXR2[n] input after ACLKX2 external output(4)
1.3
(1)
ACLKX2 internal – McASP2 ACLKXCTL.CLKXM = 1, PDIR.ACLKX = 1
ACLKX2 external input – McASP2 ACLKXCTL.CLKXM = 0, PDIR.ACLKX = 0
ACLKX2 external output – McASP2 ACLKXCTL.CLKXM = 0, PDIR.ACLKX = 1
ACLKR2 internal – McASP2 ACLKRCTL.CLKRM = 1, PDIR.ACLKR =1
ACLKR2 external input – McASP2 ACLKRCTL.CLKRM = 0, PDIR.ACLKR = 0
ACLKR2 external output – McASP2 ACLKRCTL.CLKRM = 0, PDIR.ACLKR = 1
(2)
P = SYSCLK2 period
(3)
McASP2 ACLKXCTL.ASYNC=1: Receiver is clocked by its own ACLKR2
(4)
McASP2 ACLKXCTL.ASYNC=0: Receiver is clocked by transmitter's ACLKX2
104
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com