công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM1707ZKB4 bảng dữ liệu(PDF) 117 Page - Texas Instruments

tên linh kiện AM1707ZKB4
Giải thích chi tiết về linh kiện  AM1707 ARM Microprocessor
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AM1707ZKB4 bảng dữ liệu(HTML) 117 Page - Texas Instruments

Back Button AM1707ZKB4 Datasheet HTML 113Page - Texas Instruments AM1707ZKB4 Datasheet HTML 114Page - Texas Instruments AM1707ZKB4 Datasheet HTML 115Page - Texas Instruments AM1707ZKB4 Datasheet HTML 116Page - Texas Instruments AM1707ZKB4 Datasheet HTML 117Page - Texas Instruments AM1707ZKB4 Datasheet HTML 118Page - Texas Instruments AM1707ZKB4 Datasheet HTML 119Page - Texas Instruments AM1707ZKB4 Datasheet HTML 120Page - Texas Instruments AM1707ZKB4 Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 198 page
background image
AM1707
www.ti.com
SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010
Table 6-62. General Timing Requirements for SPI1 Master Modes (1) (continued)
No.
PARAMETER
MIN
MAX
UNIT
Polarity = 0, Phase = 0,
0.5tc(SPC)M -3
from SPI1_CLK falling
Polarity = 0, Phase = 1,
0.5tc(SPC)M -3
Output hold time, SPI1_SIMO from SPI1_CLK rising
6
toh(SPC_SIMO)M
valid after
ns
Polarity = 1, Phase = 0,
receive edge of SPI1_CLK
0.5tc(SPC)M -3
from SPI1_CLK rising
Polarity = 1, Phase = 1,
0.5tc(SPC)M -3
from SPI1_CLK falling
Polarity = 0, Phase = 0,
0
to SPI1_CLK falling
Polarity = 0, Phase = 1,
0
Input Setup Time,
to SPI1_CLK rising
7
tsu(SOMI_SPC)M
SPI1_SOMI valid before
ns
Polarity = 1, Phase = 0,
receive edge of SPI1_CLK
0
to SPI1_CLK rising
Polarity = 1, Phase = 1,
0
to SPI1_CLK falling
Polarity = 0, Phase = 0,
5
from SPI1_CLK falling
Polarity = 0, Phase = 1,
5
Input Hold Time, SPI1_SOMI
from SPI1_CLK rising
8
tih(SPC_SOMI)M
valid after receive edge of
ns
Polarity = 1, Phase = 0,
SPI1_CLK
5
from SPI1_CLK rising
Polarity = 1, Phase = 1,
5
from SPI1_CLK falling
Table 6-63. General Timing Requirements for SPI1 Slave Modes(1)
No.
PARAMETER
MIN
MAX
UNIT
9
tc(SPC)S
Cycle Time, SPI1_CLK, All Slave Modes
greater of 2P or 20 ns
256P
ns
10
tw(SPCH)S
Pulse Width High, SPI1_CLK, All Slave Modes
18
ns
11
tw(SPCL)S
Pulse Width Low, SPI1_CLK, All Slave Modes
18
ns
Polarity = 0, Phase = 0,
2P
to SPI1_CLK rising
Polarity = 0, Phase = 1,
Setup time, transmit data
2P
to SPI1_CLK rising
written to SPI before initial
12
tsu(SOMI_SPC)S
ns
clock edge from
Polarity = 1, Phase = 0,
2P
master.(2) (3)
to SPI1_CLK falling
Polarity = 1, Phase = 1,
2P
to SPI1_CLK falling
Polarity = 0, Phase = 0,
19
from SPI1_CLK rising
Polarity = 0, Phase = 1,
19
Delay, subsequent bits valid
from SPI1_CLK falling
13
td(SPC_SOMI)S
on SPI1_SOMI after transmit
ns
Polarity = 1, Phase = 0,
edge of SPI1_CLK
19
from SPI1_CLK falling
Polarity = 1, Phase = 1,
19
from SPI1_CLK rising
(1)
P = SYSCLK2 period
(2)
First bit may be MSB or LSB depending upon SPI configuration. SO(0) refers to first bit and SO(n) refers to last bit output on
SPI1_SOMI. SI(0) refers to the first bit input and SI(n) refers to the last bit input on SPI1_SIMO.
(3)
Measured from the termination of the write of new data to the SPI module, In analyzing throughput requirements, additional internal bus
cycles must be accounted for to allow data to be written to the SPI module by the CPU.
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
117
Submit Documentation Feedback
Product Folder Link(s): AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com