công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM1707ZKB4 bảng dữ liệu(PDF) 22 Page - Texas Instruments

tên linh kiện AM1707ZKB4
Giải thích chi tiết về linh kiện  AM1705 ARM Microprocessor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AM1707ZKB4 bảng dữ liệu(HTML) 22 Page - Texas Instruments

Back Button AM1707ZKB4 Datasheet HTML 18Page - Texas Instruments AM1707ZKB4 Datasheet HTML 19Page - Texas Instruments AM1707ZKB4 Datasheet HTML 20Page - Texas Instruments AM1707ZKB4 Datasheet HTML 21Page - Texas Instruments AM1707ZKB4 Datasheet HTML 22Page - Texas Instruments AM1707ZKB4 Datasheet HTML 23Page - Texas Instruments AM1707ZKB4 Datasheet HTML 24Page - Texas Instruments AM1707ZKB4 Datasheet HTML 25Page - Texas Instruments AM1707ZKB4 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 155 page
background image
AM1705
SPRS657A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
Table 3-11. Boot Terminal Functions (1) (continued)
PIN NO
SIGNAL NAME
TYPE(2)
PULL(3)
MUXED
DESCRIPTION
PTP
McASP0, EMAC,
AHCLKR0/RMII_MHZ_50_CLK/GP2[14]/BOOT[11]
129
I
IPD
BOOT[11].
GPIO
AFSX0/GP2[13]/BOOT[10]
127
I
IPD
McASP0, GPIO
BOOT[10].
UART0, I2C0, Timer0,
UART0_TXD/I2C0_SCL/TM64P0_OUT12/GP5[9]/BOOT[9]
3
I
IPU
BOOT[9].
GPIO
UART0, I2C0, Timer0,
UART0_RXD/I2C0_SDA/TM64P0_IN12/GP5[8]/BOOT[8]
2
I
IPU
BOOT[8].
GPIO
SPI1_CLK/EQEP1S/GP5[7]/BOOT[7]
16
I
IPD
SPI1, eQEP1, GPIO
BOOT[7].
SPI1_SIMO[0]/I2C1_SDA/GP5[6]/BOOT[6]
14
I
IPU
BOOT[6].
SPI1, I2C1, GPIO
SPI1_SOMI[0]/I2C1_SCL/GP5[5]/BOOT[5]
13
I
IPU
BOOT[5].
SPI0, UART0,
SPI0_SCS[0]/UART0_RTS/EQEP0B/GP5[4]/BOOT[4]
9
I
IPU
BOOT[4].
eQEP0, GPIO
SPI0, UART0,
SPI0_ENA/UART0_CTS/EQEP0A/GP5[3]/BOOT[3]
12
I
IPU
BOOT[3].
eQEP0, GPIO
SPI0_CLK/EQEP1I/GP5[2]/BOOT[2]
11
I
IPD
SPIO, eQEP1, GPIO
BOOT[2].
SPI0_SIMO[0]/EQEP0S/GP5[1]/BOOT[1]
18
I
IPD
BOOT[1].
SPI0, eQEP0, GPIO
SPI0_SOMI[0]/EQEP0I/GP5[0]/BOOT[0]
17
I
IPD
BOOT[0].
3.6.10 Universal Asynchronous Receiver/Transmitters (UART0, UART1, UART2)
Table 3-12. Universal Asynchronous Receiver/Transmitter (UART) Terminal Functions
PIN NO
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
PTP
UART0
I2C0, BOOT,
UART0 receive
UART0_RXD/I2C0_SDA/TM64P0_IN12/GP5[8]/BOOT[8]
2
I
IPU
Timer0, GPIO,
data.
I2C0, Timer0,
UART0 transmit
UART0_TXD/I2C0_SCL/TM64P0_OUT12/GP5[9]/BOOT[9]
3
O
IPU
GPIO, BOOT
data.
UART0
SPI0_SCS[0]/ UART0_RTS /EQEP0B/GP5[4]/BOOT[4]
9
O
IPU
ready-to-send
SPIO, eQEP0,
output
GPIO, BOOT
UART0
SPI0_ENA/ UART0_CTS /EQEP0A/GP5[3]/BOOT[3]
12
I
IPU
clear-to-send input
UART1
UART1 receive
UART1_RXD/AXR0[9]/GP3[9](3)
122
I
IPD
data.
McASP0, GPIO
UART1 transmit
UART1_TXD/AXR0[10]/GP3[10](3)
123
O
IPD
data.
UART2
UART2 receive
SPI1_ENA/UART2_RXD/GP5[12]
7
I
IPU
data.
SPI1, GPIO
UART2 transmit
SPI1_SCS[0]/UART2_TXD/GP5[13]
8
O
IPU
data.
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
(3)
As these signals are internally pulled down while the device is in reset, it is necessary to externally pull them high with resistors if
UART1 boot mode is used.
22
Device Overview
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com