công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM1707ZKB4 bảng dữ liệu(PDF) 86 Page - Texas Instruments

tên linh kiện AM1707ZKB4
Giải thích chi tiết về linh kiện  AM1705 ARM Microprocessor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AM1707ZKB4 bảng dữ liệu(HTML) 86 Page - Texas Instruments

Back Button AM1707ZKB4 Datasheet HTML 82Page - Texas Instruments AM1707ZKB4 Datasheet HTML 83Page - Texas Instruments AM1707ZKB4 Datasheet HTML 84Page - Texas Instruments AM1707ZKB4 Datasheet HTML 85Page - Texas Instruments AM1707ZKB4 Datasheet HTML 86Page - Texas Instruments AM1707ZKB4 Datasheet HTML 87Page - Texas Instruments AM1707ZKB4 Datasheet HTML 88Page - Texas Instruments AM1707ZKB4 Datasheet HTML 89Page - Texas Instruments AM1707ZKB4 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 155 page
background image
AM1705
SPRS657A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
Table 6-41. McASP Registers Accessed Through Peripheral Configuration Port (continued)
McASP0
McASP1
ACRONYM
REGISTER DESCRIPTION
BYTE
BYTE
ADDRESS
ADDRESS
0x01D0 0104
0x01D0 4104
DITCSRA1
Left (even TDM time slot) channel status register (DIT mode) 1
0x01D0 0108
0x01D0 4108
DITCSRA2
Left (even TDM time slot) channel status register (DIT mode) 2
0x01D0 010C
0x01D0 410C
DITCSRA3
Left (even TDM time slot) channel status register (DIT mode) 3
0x01D0 0110
0x01D0 4110
DITCSRA4
Left (even TDM time slot) channel status register (DIT mode) 4
0x01D0 0114
0x01D0 4114
DITCSRA5
Left (even TDM time slot) channel status register (DIT mode) 5
0x01D0 0118
0x01D0 4118
DITCSRB0
Right (odd TDM time slot) channel status register (DIT mode) 0
0x01D0 011C
0x01D0 411C
DITCSRB1
Right (odd TDM time slot) channel status register (DIT mode) 1
0x01D0 0120
0x01D0 4120
DITCSRB2
Right (odd TDM time slot) channel status register (DIT mode) 2
0x01D0 0124
0x01D0 4124
DITCSRB3
Right (odd TDM time slot) channel status register (DIT mode) 3
0x01D0 0128
0x01D0 4128
DITCSRB4
Right (odd TDM time slot) channel status register (DIT mode) 4
0x01D0 012C
0x01D0 412C
DITCSRB5
Right (odd TDM time slot) channel status register (DIT mode) 5
0x01D0 0130
0x01D0 4130
DITUDRA0
Left (even TDM time slot) channel user data register (DIT mode) 0
0x01D0 0134
0x01D0 4134
DITUDRA1
Left (even TDM time slot) channel user data register (DIT mode) 1
0x01D0 0138
0x01D0 4138
DITUDRA2
Left (even TDM time slot) channel user data register (DIT mode) 2
0x01D0 013C
0x01D0 413C
DITUDRA3
Left (even TDM time slot) channel user data register (DIT mode) 3
0x01D0 0140
0x01D0 4140
DITUDRA4
Left (even TDM time slot) channel user data register (DIT mode) 4
0x01D0 0144
0x01D0 4144
DITUDRA5
Left (even TDM time slot) channel user data register (DIT mode) 5
0x01D0 0148
0x01D0 4148
DITUDRB0
Right (odd TDM time slot) channel user data register (DIT mode) 0
0x01D0 014C
0x01D0 414C
DITUDRB1
Right (odd TDM time slot) channel user data register (DIT mode) 1
0x01D0 0150
0x01D0 4150
DITUDRB2
Right (odd TDM time slot) channel user data register (DIT mode) 2
0x01D0 0154
0x01D0 4154
DITUDRB3
Right (odd TDM time slot) channel user data register (DIT mode) 3
0x01D0 0158
0x01D0 4158
DITUDRB4
Right (odd TDM time slot) channel user data register (DIT mode) 4
0x01D0 015C
0x01D0 415C
DITUDRB5
Right (odd TDM time slot) channel user data register (DIT mode) 5
0x01D0 0180
0x01D0 4180
SRCTL0
Serializer control register 0
0x01D0 0184
0x01D0 4184
SRCTL1
Serializer control register 1
0x01D0 0188
0x01D0 4188
SRCTL2
Serializer control register 2
0x01D0 018C
0x01D0 418C
SRCTL3
Serializer control register 3
0x01D0 0190
0x01D0 4190
SRCTL4
Serializer control register 4
0x01D0 0194
0x01D0 4194
SRCTL5
Serializer control register 5
0x01D0 0198
0x01D0 4198
SRCTL6
Serializer control register 6
0x01D0 019C
0x01D0 419C
SRCTL7
Serializer control register 7
0x01D0 01A0
0x01D0 41A0
SRCTL8
Serializer control register 8
0x01D0 01A4
0x01D0 41A4
SRCTL9
Serializer control register 9
0x01D0 01A8
0x01D0 41A8
SRCTL10
Serializer control register 10
0x01D0 01AC 0x01D0 41AC
SRCTL11
Serializer control register 11
0x01D0 01B0
0x01D0 41B0
SRCTL12
Serializer control register 12
0x01D0 01B4
0x01D0 41B4
SRCTL13
Serializer control register 13
0x01D0 01B8
0x01D0 41B8
SRCTL14
Serializer control register 14
0x01D0 01BC 0x01D0 41BC
SRCTL15
Serializer control register 15
0x01D0 0200
0x01D0 4200
XBUF0(1)
Transmit buffer register for serializer 0
0x01D0 0204
0x01D0 4204
XBUF1(1)
Transmit buffer register for serializer 1
0x01D0 0208
0x01D0 4208
XBUF2(1)
Transmit buffer register for serializer 2
0x01D0 020C
0x01D0 420C
XBUF3(1)
Transmit buffer register for serializer 3
0x01D0 0210
0x01D0 4210
XBUF4(1)
Transmit buffer register for serializer 4
0x01D0 0214
0x01D0 4214
XBUF5(1)
Transmit buffer register for serializer 5
(1)
Writes to XRBUF originate from peripheral configuration port only when XBUSEL = 1 in XFMT.
86
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com