công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM1707ZKB4 bảng dữ liệu(PDF) 87 Page - Texas Instruments

tên linh kiện AM1707ZKB4
Giải thích chi tiết về linh kiện  AM1705 ARM Microprocessor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AM1707ZKB4 bảng dữ liệu(HTML) 87 Page - Texas Instruments

Back Button AM1707ZKB4 Datasheet HTML 83Page - Texas Instruments AM1707ZKB4 Datasheet HTML 84Page - Texas Instruments AM1707ZKB4 Datasheet HTML 85Page - Texas Instruments AM1707ZKB4 Datasheet HTML 86Page - Texas Instruments AM1707ZKB4 Datasheet HTML 87Page - Texas Instruments AM1707ZKB4 Datasheet HTML 88Page - Texas Instruments AM1707ZKB4 Datasheet HTML 89Page - Texas Instruments AM1707ZKB4 Datasheet HTML 90Page - Texas Instruments AM1707ZKB4 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 155 page
background image
AM1705
www.ti.com
SPRS657A – FEBRUARY 2010 – REVISED APRIL 2010
Table 6-41. McASP Registers Accessed Through Peripheral Configuration Port (continued)
McASP0
McASP1
ACRONYM
REGISTER DESCRIPTION
BYTE
BYTE
ADDRESS
ADDRESS
0x01D0 0218
0x01D0 4218
XBUF6(1)
Transmit buffer register for serializer 6
0x01D0 021C
0x01D0 421C
XBUF7
Transmit buffer register for serializer 7
0x01D0 0220
0x01D0 4220
XBUF8(1)
Transmit buffer register for serializer 8
0x01D0 0224
0x01D0 4224
XBUF9
Transmit buffer register for serializer 9
0x01D0 0228
0x01D0 4228
XBUF10(1)
Transmit buffer register for serializer 10
0x01D0 022C
0x01D0 422C
XBUF11(1)
Transmit buffer register for serializer 11
0x01D0 0230
0x01D0 4230
XBUF12
Transmit buffer register for serializer 12
0x01D0 0234
0x01D0 4234
XBUF13(1)
Transmit buffer register for serializer 13
0x01D0 0238
0x01D0 4238
XBUF14(1)
Transmit buffer register for serializer 14
0x01D0 023C
0x01D0 423C
XBUF15
Transmit buffer register for serializer 15
0x01D0 0280
0x01D0 4280
RBUF0(2)
Receive buffer register for serializer 0
0x01D0 0284
0x01D0 4284
RBUF1(2)
Receive buffer register for serializer 1
0x01D0 0288
0x01D0 4288
RBUF2(2)
Receive buffer register for serializer 2
0x01D0 028C
0x01D0 428C
RBUF3(2)
Receive buffer register for serializer 3
0x01D0 0290
0x01D0 4290
RBUF4(3)
Receive buffer register for serializer 4
0x01D0 0294
0x01D0 4294
RBUF5(3)
Receive buffer register for serializer 5
0x01D0 0298
0x01D0 4298
RBUF6(3)
Receive buffer register for serializer 6
0x01D0 029C
0x01D0 429C
RBUF7(3)
Receive buffer register for serializer 7
0x01D0 02A0
0x01D0 42A0
RBUF8(3)
Receive buffer register for serializer 8
0x01D0 02A4
0x01D0 42A4
RBUF9(3)
Receive buffer register for serializer 9
0x01D0 02A8
0x01D0 42A8
RBUF10(3)
Receive buffer register for serializer 10
0x01D0 02AC 0x01D0 42AC
RBUF11(3)
Receive buffer register for serializer 11
0x01D0 02B0
0x01D0 42B0
RBUF12(3)
Receive buffer register for serializer 12
0x01D0 02B4
0x01D0 42B4
RBUF13(3)
Receive buffer register for serializer 13
0x01D0 02B8
0x01D0 42B8
RBUF14(3)
Receive buffer register for serializer 14
0x01D0 02BC 0x01D0 42BC
RBUF15(3)
Receive buffer register for serializer 15
(2)
Reads from XRBUF originate on peripheral configuration port only when RBUSEL = 1 in RFMT.
(3)
Reads from XRBUF originate on peripheral configuration port only when RBUSEL = 1 in RFMT.
Table 6-42. McASP Registers Accessed Through DMA Port
McASP0
McASP1
BYTE
BYTE
ACRONYM
REGISTER DESCRIPTION
ADDRESS
ADDRESS
Receive buffer DMA port address. Cycles through receive serializers,
Read
skipping over transmit serializers and inactive serializers. Starts at the
01D0 2000
01D0 6000
RBUF
Accesses
lowest serializer at the beginning of each time slot. Reads from DMA port
only if XBUSEL = 0 in XFMT.
Transmit buffer DMA port address. Cycles through transmit serializers,
Write
skipping over receive and inactive serializers. Starts at the lowest serializer
01D0 2000
01D0 6000
XBUF
Accesses
at the beginning of each time slot. Writes to DMA port only if RBUSEL = 0
in RFMT.
Table 6-43. McASP AFIFO Registers Accessed Through Peripheral Configuration Port
McASP0
McASP1
ACRONYM
REGISTER DESCRIPTION
BYTE ADDRESS
BYTE ADDRESS
0x01D0 1000
0x01D0 5000
AFIFOREV
AFIFO revision identification register
0x01D0 1010
0x01D0 5010
WFIFOCTL
Write FIFO control register
0x01D0 1014
0x01D0 5014
WFIFOSTS
Write FIFO status register
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
87
Submit Documentation Feedback
Product Folder Link(s): AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com