công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM1707ZKB4 bảng dữ liệu(PDF) 85 Page - Texas Instruments

tên linh kiện AM1707ZKB4
Giải thích chi tiết về linh kiện  AM1705 ARM Microprocessor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AM1707ZKB4 bảng dữ liệu(HTML) 85 Page - Texas Instruments

Back Button AM1707ZKB4 Datasheet HTML 81Page - Texas Instruments AM1707ZKB4 Datasheet HTML 82Page - Texas Instruments AM1707ZKB4 Datasheet HTML 83Page - Texas Instruments AM1707ZKB4 Datasheet HTML 84Page - Texas Instruments AM1707ZKB4 Datasheet HTML 85Page - Texas Instruments AM1707ZKB4 Datasheet HTML 86Page - Texas Instruments AM1707ZKB4 Datasheet HTML 87Page - Texas Instruments AM1707ZKB4 Datasheet HTML 88Page - Texas Instruments AM1707ZKB4 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 155 page
background image
AM1705
www.ti.com
SPRS657A – FEBRUARY 2010 – REVISED APRIL 2010
6.17.1 McASP Peripheral Registers Description(s)
Registers for the McASP are summarized in Table 6-41. The registers are accessed through the
peripheral configuration port. The receive buffer registers (RBUF) and transmit buffer registers (XBUF) can
also be accessed through the DMA port, as listed in Table 6-42
Registers for the McASP Audio FIFO (AFIFO) are summarized in Table 6-43. Note that the AFIFO Write
FIFO (WFIFO) and Read FIFO (RFIFO) have independent control and status registers. The AFIFO control
registers are accessed through the peripheral configuration port.
Table 6-41. McASP Registers Accessed Through Peripheral Configuration Port
McASP0
McASP1
ACRONYM
REGISTER DESCRIPTION
BYTE
BYTE
ADDRESS
ADDRESS
0x01D0 0000
0x01D0 4000
REV
Revision identification register
0x01D0 0010
0x01D0 4010
PFUNC
Pin function register
0x01D0 0014
0x01D0 4014
PDIR
Pin direction register
0x01D0 0018
0x01D0 4018
PDOUT
Pin data output register
0x01D0 001C
0x01D0 401C
PDIN
Read returns: Pin data input register
0x01D0 001C
0x01D0 401C
PDSET
Writes affect: Pin data set register (alternate write address: PDOUT)
0x01D0 0020
0x01D0 4020
PDCLR
Pin data clear register (alternate write address: PDOUT)
0x01D0 0044
0x01D0 4044
GBLCTL
Global control register
0x01D0 0048
0x01D0 4048
AMUTE
Audio mute control register
0x01D0 004C
0x01D0 404C
DLBCTL
Digital loopback control register
0x01D0 0050
0x01D0 4050
DITCTL
DIT mode control register
0x01D0 0060
0x01D0 4060
RGBLCTL
Receiver global control register: Alias of GBLCTL, only receive bits are affected - allows
receiver to be reset independently from transmitter
0x01D0 0064
0x01D0 4064
RMASK
Receive format unit bit mask register
0x01D0 0068
0x01D0 4068
RFMT
Receive bit stream format register
0x01D0 006C
0x01D0 406C
AFSRCTL
Receive frame sync control register
0x01D0 0070
0x01D0 4070
ACLKRCTL
Receive clock control register
0x01D0 0074
0x01D0 4074
AHCLKRCTL
Receive high-frequency clock control register
0x01D0 0078
0x01D0 4078
RTDM
Receive TDM time slot 0-31 register
0x01D0 007C
0x01D0 407C
RINTCTL
Receiver interrupt control register
0x01D0 0080
0x01D0 4080
RSTAT
Receiver status register
0x01D0 0084
0x01D0 4084
RSLOT
Current receive TDM time slot register
0x01D0 0088
0x01D0 4088
RCLKCHK
Receive clock check control register
0x01D0 008C
0x01D0 408C
REVTCTL
Receiver DMA event control register
0x01D0 00A0
0x01D0 40A0
XGBLCTL
Transmitter global control register. Alias of GBLCTL, only transmit bits are affected - allows
transmitter to be reset independently from receiver
0x01D0 00A4
0x01D0 40A4
XMASK
Transmit format unit bit mask register
0x01D0 00A8
0x01D0 40A8
XFMT
Transmit bit stream format register
0x01D0 00AC 0x01D0 40AC
AFSXCTL
Transmit frame sync control register
0x01D0 00B0
0x01D0 40B0
ACLKXCTL
Transmit clock control register
0x01D0 00B4
0x01D0 40B4
AHCLKXCTL
Transmit high-frequency clock control register
0x01D0 00B8
0x01D0 40B8
XTDM
Transmit TDM time slot 0-31 register
0x01D0 00BC 0x01D0 40BC
XINTCTL
Transmitter interrupt control register
0x01D0 00C0
0x01D0 40C0
XSTAT
Transmitter status register
0x01D0 00C4
0x01D0 40C4
XSLOT
Current transmit TDM time slot register
0x01D0 00C8
0x01D0 40C8
XCLKCHK
Transmit clock check control register
0x01D0 00CC 0x01D0 40CC
XEVTCTL
Transmitter DMA event control register
0x01D0 0100
0x01D0 4100
DITCSRA0
Left (even TDM time slot) channel status register (DIT mode) 0
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
85
Submit Documentation Feedback
Product Folder Link(s): AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com