công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT45R37V bảng dữ liệu(PDF) 28 Page - Holtek Semiconductor Inc

tên linh kiện HT45R37V
Giải thích chi tiết về linh kiện  TinyPower C/R-F Type 8-Bit OTP MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R37V bảng dữ liệu(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT45R37V Datasheet HTML 24Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 25Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 26Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 27Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 28Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 29Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 30Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 31Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 32Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 90 page
background image
HT45R37V
Rev. 1.00
28
October 20, 2009
Timer/Event Counter will stop counting. If the Active
Edge Select bit is high, the Timer/Event Counter will be-
gin counting once a low to high transition has been re-
ceived on the external timer pin and stop counting when
the external timer pin returns to its original low level. As
before, the enable bit will be automatically reset to zero
and the Timer/Event Counter will stop counting. It is im-
portant to note that in the Pulse Width Measurement
Mode, the enable bit is automatically reset to zero when
the external control signal on the external timer pin re-
turns to its original level, whereas in the other two
modes the enable bit can only be reset to zero under
program control.
The residual value in the Timer/Event Counter, which
can now be read by the program, therefore represents
the length of the pulse received on the external timer
pin. As the enable bit has now been reset, any further
transitions on the external timer pin will be ignored. Not
until the enable bit is again set high by the program can
the timer begin further pulse width measurements. In
this way, single shot pulse measurements can be easily
Made.
It should be noted that in this mode the Timer/Event
Counter is controlled by logical transitions on the exter-
nal timer pin and not by the logic level. When the
Timer/Event Counter is full and overflows, an interrupt
signal is generated and the Timer/Event Counter will re-
load the value already loaded into the preload register
and continue counting. The interrupt can be disabled by
ensuring that the Timer/Event Counter Interrupt Enable
bit in the corresponding Interrupt Control Register, is re-
set to zero.
As the external timer pin is shared with an I/O pin, to en-
sure that the pin is configured to operate as a pulse
width measurement pin, two things have to happen. The
first is to ensure that the Operating Mode Select bits in
the Timer Control Register place the Timer/Event Coun-
ter in the Pulse Width Measurement Mode, the second
is to ensure that the port control register configures the
pin as an input.
Programmable Frequency Divider
- PFD
The Programmable Frequency Divider provides a
means of producing a variable frequency output suitable
for applications requiring a precise frequency generator.
The PFD output is pin-shared with the I/O pin PA3. The
PFD function is selected via configuration option, how-
ever, if not selected, the pin can operate as a normal I/O
pin.
The clock source for the PFD circuit can originate from
either Timer/Event Counter 0 or Timer/Event Counter 1
overflow signal selected via configuration option. The
output frequency is controlled by loading the required
values into the timer registers and prescaler registers to
give the required division ratio. The timer will begin to
count-up from this preload register value until full, at
which point an overflow signal is generated, causing the
PFD output to change state. The timer will then be auto-
matically reloaded with the preload register value and
continue counting-up.
+ 1
+ 2
+ 3
+ 4
T i m e r
E x t e r n a l T M R
P i n I n p u t
T n O N - w i t h T n E = 0
P r e s c a l e r O u t p u t
I n c r e m e n t
T i m e r C o u n t e r
Pulse Width Measure Mode Timing Chart
T i m e r O v e r f l o w
P F D C l o c k
P A 3 D a t a
P F D O u t p u t a t P A 3
PFD Output Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com