công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT45R37V bảng dữ liệu(PDF) 64 Page - Holtek Semiconductor Inc

tên linh kiện HT45R37V
Giải thích chi tiết về linh kiện  TinyPower C/R-F Type 8-Bit OTP MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R37V bảng dữ liệu(HTML) 64 Page - Holtek Semiconductor Inc

Back Button HT45R37V Datasheet HTML 60Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 61Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 62Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 63Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 64Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 65Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 66Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 67Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 68Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 90 page
background image
HT45R37V
Rev. 1.00
64
October 20, 2009
The different kinds of resets all affect the internal registers of the microcontroller in different ways. To ensure reliable
continuation of normal program execution after a reset occurs, it is important to know what condition the microcontroller
is in after a particular reset occurs. The following table describes how each type of reset affects each of the
microcontroller internal registers. Note that where more than one package type exists the table will reflect the situation
for the larger package type.
Register
Reset
(Power-on)
RES Reset
(Normal Operation)
WDT Time-out
(Normal Operation)
WDT Time-out
(HALT)
MP0
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
MP1
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
PCL
0000 0000
0000 0000
0000 0000
0000 0000
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
- xxx xxxx
- uuu uuuu
- uuu uuuu
- uuu uuuu
RTCC
-- 00 0111
-- 00 0111
-- 00 0111
-- uu uuuu
STATUS
-- 00 xxxx
-- uu uuuu
-- 1u uuuu
-- 11 uuuu
INTC0
- 000 0000
- 000 0000
- 000 0000
- uuu uuuu
TMR0
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR0C
00
- 0 1000
00
- 0 1000
00
- 0 1000
uu
- u uuuu
PA
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
1111 1111
uuuu uuuu
PB
-- 11 1111
-- 11 1111
-- 11 1111
-- uu uuuu
PBC
-- 11 1111
-- 11 1111
-- 11 1111
-- uu uuuu
PC
--- 1 1111
--- 1 1111
--- 1 1111
--- u uuuu
PCC
--- 1 1111
--- 1 1111
--- 1 1111
--- u uuuu
PD
1111 1111
1111 1111
1111 1111
uuuu uuuu
PDC
1111 1111
1111 1111
1111 1111
uuuu uuuu
PWM0L
0000
- - - 0
0000
- - - 0
0000
- - - 0
uuuu
- - - u
PWM0H
0000 0000
0000 0000
0000 0000
uuuu uuuu
PWM1L
0000
- - - 0
0000
- - - 0
0000
- - - 0
uuuu
- - - u
PWM1H
0000 0000
0000 0000
0000 0000
uuuu uuuu
INTC1
- 000 - 000
- 000 - 000
- 000 - 000
- uuu - uuu
MFIC0
-- 00 -- 00
-- 00 -- 00
-- 00 -- 00
-- uu -- uu
MFIC1
0000 0000
0000 0000
0000 0000
uuuu uuuu
ASCR0
1111 1111
1111 1111
1111 1111
uuuu uuuu
ASCR1
---- --- 1
---- --- 1
---- --- 1
---- --- u
ASCR2
---- -- 11
---- -- 11
---- -- 11
---- -- uu
ADRL
xxxx
----
xxxx
----
xxxx
----
uuuu
----
ADRH
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
ADCR
0100 0000
0100 0000
0100 0000
uuuu uuuu
ACSR
10
- - - 000
10
- - - 000
10
- - - 000
uu
- - - uuu
CLKMOD
0000 0x11
0000 0x11
0000 0x11
uuuu uuuu
PAWU
0000 0000
0000 0000
0000 0000
uuuu uuuu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com