công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT45R37V bảng dữ liệu(PDF) 24 Page - Holtek Semiconductor Inc

tên linh kiện HT45R37V
Giải thích chi tiết về linh kiện  TinyPower C/R-F Type 8-Bit OTP MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R37V bảng dữ liệu(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT45R37V Datasheet HTML 20Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 21Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 22Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 23Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 24Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 25Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 26Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 27Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 90 page
background image
HT45R37V
Rev. 1.00
24
October 20, 2009
The accompanying table shows the 24-bit shift regis-
ter/latch function truth table:
Clock Strobe Data
VFD0
VFDn
­
0
X
No change No change
­
1
0
0
VFDn-1
­
1
1
1
VFDn-1
¯
1
1
No change No change
Note:
²X² means don¢t care
²VFDn² means VFD1~VFD23
Programming Considerations
After power on all the I/O lines will be automatically
setup as inputs. However as lines PB2~PB5 are used to
drive the VFD interface, they should be setup as outputs
after power is applied to the device. Allowing the VFD in-
terface control lines to be setup as inputs will create an
incorrect VFD display operation. It is advised that the
configuration options select pull-high resistors to be
connected to these lines to keep the lines at a fixed high
level when power is initially applied and until the lines
can be setup as outputs.
Programming Example
The following example shows how the VFD display data is programmed by the microcontroller.
strobe
equ pb.3
clk
equ pb.4
data
equ pb.5
data_2_register:
; send data to vfd driver
mov a,024d
; shift register counter
mov count,a
clr strobe
; strobe = 0
data_2_register_1:
clr clk
; clk = 0
set data
; data = 1
snz vfd_grid.7
clr data
; data = 0
rlc vfd_segl
; shift data to vfd[7:0]
rlc vfd_segh
; shift data to vfd[15:8]
rlc vfd_grid
; shift data to vfd[22:16]
set clk
; clk = 1 (rising edge)
sdz count
jmp data_2_register_1
set strobe
; strobe = 1, vfd output
ret



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com