công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT45R37V bảng dữ liệu(PDF) 23 Page - Holtek Semiconductor Inc

tên linh kiện HT45R37V
Giải thích chi tiết về linh kiện  TinyPower C/R-F Type 8-Bit OTP MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R37V bảng dữ liệu(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT45R37V Datasheet HTML 19Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 20Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 21Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 22Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 23Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 24Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 25Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 26Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 90 page
background image
HT45R37V
Rev. 1.00
23
October 20, 2009
VFD Driver
The device includes a VFD driver function to drive VFD
panel high voltage filaments and buzzer. The
microcontroller communicates serially with the VFD
driver transmitting the display data into a 24-bit shift reg-
ister within the driver. This VFD driver converts the shift
register into VFD panel driving signals and makes the
necessary voltage level shifting. The microcontroller will
only transmit data to the VFD driver, no data is transmit-
ted from the VFD driver to the microcontroller.
VFD Interface
A five line interface exists between the microcontroller
and the VFD driver as shown in the diagram.
Data transmission between the microcontroller and the
VFD interface is conducted via a three line interface us-
ing the CLK, DATA and STROBE lines. As data commu-
nication is only one way the microcontroller I/O pins
must bet setup as outputs.
The buzzer control input BZI will be transformed into a
complementary pair of outputs BZO and BZO by a con-
verter in the VFD driver. These complementary buzzer
outputs will also be level shifted to a higher voltage by
the converter. The VFD driver filament control input, F1,
will also be shifted to a high voltage output called F1O,
that can be used to switch the filaments on and off.
24-bit Shift Register/Latch
Data transmitted from the microcontroller is transmitted
serially and will be first written into a 24-bit shift register
located within the VFD driver. These 24-bits are used to
control the VFD panel segments, VFD0~VFD15, and
grid, VFD16~VFD23, lines. The control method is as fol-
lows:
· Use the
²DATA² and ²CLK² lines to shift data into the
internal 24-bit shift register. Data is clocked into the
shift-register on the positive clock edge. This data cor-
responds to the desired VFD0~VFD23 output display
data. The VFD outputs will only change if the
STROBE line is high. If the STROBE line is low, only
the shift register data will be modified and the VFD
outputs will remain the same.
· Use the
²STROBE² line to latch the shift-register data
to the VFD0~VFD23 outputs. When the STROBE line
is high, the shift register data will be latched to the
VFD lines. Note that the STROBE line is level and not
edge triggered.
S h i f t
R e g i s t e r
& L a t c h
C o m p l e m e n t
O u t p u t
C o n v e r t e r
L e v e l
S h i f t e r
V F D 0
V F D 2 3
F 1 O
P a d N a m e
V F D D r i v e r
P B 3
P B 4
P B 5
I / O
P B 2
S T R O B E
C L K
D A T A
B Z I
F 1
B Z O
B Z O
O u t p u t s
VFD Driver
C L K
D A T A
S T R O B E
V F D 0
VFD Display Control Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com