| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USB4640i bảng dữ liệu(PDF) 47 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB4640i bảng dữ liệu(HTML) 47 Page - SMSC Corporation |
|
47 / 64 page ![]() High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller Datasheet SMSC USB4640/USB4640i 47 Revision 1.0 (06-09-09) DATASHEET 8.4.4.20 F1h: Port Swap BIT BYTE NAME DESCRIPTION 7:0 PRT_SWP Swaps the upstream and downstream USB DP and DM pins for ease of board routing to devices and connectors. ‘0’ = USB D+ functionality is associated with the DP pin and D- functionality is associated with the DM pin. ‘1’ = USB D+ functionality is associated with the DM pin and D- functionality is associated with the DP pin. Bit 7= Reserved Bit 6= Reserved Bit 5= Reserved Bit 4= Reserved Bit 3= Controls physical port 3 Bit 2= Controls physical port 2 Bit 1= Reserved Bit 0= Controls physical port 0 |