công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

USB4640i bảng dữ liệu(PDF) 42 Page - SMSC Corporation

tên linh kiện USB4640i
Giải thích chi tiết về linh kiện  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMSC [SMSC Corporation]
Trang chủ  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640i bảng dữ liệu(HTML) 42 Page - SMSC Corporation

Back Button USB4640i Datasheet HTML 38Page - SMSC Corporation USB4640i Datasheet HTML 39Page - SMSC Corporation USB4640i Datasheet HTML 40Page - SMSC Corporation USB4640i Datasheet HTML 41Page - SMSC Corporation USB4640i Datasheet HTML 42Page - SMSC Corporation USB4640i Datasheet HTML 43Page - SMSC Corporation USB4640i Datasheet HTML 44Page - SMSC Corporation USB4640i Datasheet HTML 45Page - SMSC Corporation USB4640i Datasheet HTML 46Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
Revision 1.0 (06-09-09)
42
SMSC USB4640/USB4640i
DATASHEET
8.4.4.8
E5h: Configuration Data Byte 2 (CFG_DAT_BYT2)
8.4.4.9
E6h: Configuration Data Byte 3 (CFG_DAT_BYT3)
4:3
Reserved
Reserved
2:1
CURRENT_SNS
Over-Current Sense: Selects current sensing on a port-by-port basis, all
ports ganged, or none (only for bus-powered hubs). The ability to support
current sensing on a per port or ganged basis is dependent upon the
hardware implementation.
‘00’ = Ganged sensing (all ports together)
‘01’ = Individual (port-by-port)
‘1x’ = Over-current sensing not supported (must only be used with bus-
powered configurations!)
0
PORT_PWR
Port Power Switching: Enables power switching on all ports simultaneously
(ganged), or port power is individually switched on and off on a port-by-port
basis (individual). The ability to support power enabling on a port or ganged
basis is dependent upon the hardware implementation.
‘0’ = Ganged switching (all ports together)
‘1’ = Individual port-by-port switching
BIT
NAME
DESCRIPTION
7:6
Reserved
Reserved
5:4
OC_TIMER
OverCurrent Timer: Over-current timer delay.
‘00’ = 50 ns
‘01’ = 100 ns
‘10’ = 200 ns
‘11’ = 400 ns
3
COMPOUND
Compound Device: Allows OEM to indicate that the hub is part of a
compound device (per the USB 2.0 Specification). The applicable port(s)
must also be defined as having a “non-removable device”.
Note:
When configured via strapping options, declaring a port as non-
removable automatically causes the hub controller to report that it
is part of a compound device.
‘0’ = No
‘1’ = Yes, the hub is part of a compound device
2:0
Reserved
Reserved
BIT
NAME
DESCRIPTION
7:4
Reserved
Reserved
BIT
NAME
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com