công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

USB4640i bảng dữ liệu(PDF) 15 Page - SMSC Corporation

tên linh kiện USB4640i
Giải thích chi tiết về linh kiện  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMSC [SMSC Corporation]
Trang chủ  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640i bảng dữ liệu(HTML) 15 Page - SMSC Corporation

Back Button USB4640i Datasheet HTML 11Page - SMSC Corporation USB4640i Datasheet HTML 12Page - SMSC Corporation USB4640i Datasheet HTML 13Page - SMSC Corporation USB4640i Datasheet HTML 14Page - SMSC Corporation USB4640i Datasheet HTML 15Page - SMSC Corporation USB4640i Datasheet HTML 16Page - SMSC Corporation USB4640i Datasheet HTML 17Page - SMSC Corporation USB4640i Datasheet HTML 18Page - SMSC Corporation USB4640i Datasheet HTML 19Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
SMSC USB4640/USB4640i
15
Revision 1.0 (06-09-09)
DATASHEET
Chapter 6 Pin Descriptions
This section provides a detailed description of each signal. The signals are arranged in functional
groups according to their associated interface. The pin descriptions below are applied when using the
internal default firmware and can be referenced in Chapter 8, "Configuration Options," on page 28.
Please reference Chapter 2, "Acronyms," on page 10 for a list of the acronyms used.
The “n” symbol in the signal name indicates that the active, or asserted, state occurs when the signal
is at a low voltage level. When “n” is not present in the signal name, the signal is asserted at a high
voltage level.
The terms assertion and negation are used exclusively. This is done to avoid confusion when working
with a mixture of “active low” and “active high” signals. The term assert, or assertion, indicates that a
signal is active, independent of whether that level is represented by a high or low voltage. The term
negate, or negation, indicates that a signal is inactive.
6.1
USB4640/USB4640i Pin Descriptions
Table 6.1 USB4640/USB4640i Pin Descriptions
SYMBOL
48-PIN
QFN
BUFFER
TYPE
(Table 6.2)DESCRIPTION
UPSTREAM HSIC INTERFACE
HSIC_IMP
39
I
HSIC Impedance Control
This pin selects the driver impedance of the HSIC_DAT and
HSIC_STROBE pins.
‘1’ = approximately 50
Ω impedance
‘0’ = approximately 40
Ω impedance
HSIC_DAT
42
I/O
HSIC Data
This is the bi-directional double data rate (DDR) data signal that is
synchronous to the HSIC_STROBE signal as defined in the High-
Speed Inter-Chip USB Specification, Version 1.0.
HSIC_STROBE
43
I/O
HSIC Strobe
This pin is the bi-directional data strobe signal that is defined in the
High-Speed Inter-Chip USB Specification, Version 1.0.
DOWNSTREAM USB INTERFACE
USBDN_DM
[3:2]
USBDN_DP
[3:2]
3
1
4
2
I/O-U
USB Bus Data
These pins connect to the downstream USB bus data signals and
can be swapped using the PortSwap feature (See Section 8.4.4.20,
"F1h: Port Swap," on page 47).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com