công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

USB4640i bảng dữ liệu(PDF) 24 Page - SMSC Corporation

tên linh kiện USB4640i
Giải thích chi tiết về linh kiện  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMSC [SMSC Corporation]
Trang chủ  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640i bảng dữ liệu(HTML) 24 Page - SMSC Corporation

Back Button USB4640i Datasheet HTML 20Page - SMSC Corporation USB4640i Datasheet HTML 21Page - SMSC Corporation USB4640i Datasheet HTML 22Page - SMSC Corporation USB4640i Datasheet HTML 23Page - SMSC Corporation USB4640i Datasheet HTML 24Page - SMSC Corporation USB4640i Datasheet HTML 25Page - SMSC Corporation USB4640i Datasheet HTML 26Page - SMSC Corporation USB4640i Datasheet HTML 27Page - SMSC Corporation USB4640i Datasheet HTML 28Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
Revision 1.0 (06-09-09)
24
SMSC USB4640/USB4640i
DATASHEET
6.4
ROM BOOT Sequence
After power-on reset, the internal firmware checks for an external SPI flash device that contains a valid
signature of "2DFU" (device firmware upgrade) beginning at address 0xFFFA. If a valid signature is
found, then the external ROM is enabled and code execution begins at address 0x0000 in the external
SPI device. Otherwise, code execution continues from the internal ROM.
If there is no SPI ROM detected, the internal firmware then checks for the presence of an I2C ROM.
The firmware looks for the signature ‘ATA2’ at the offset of FCh-FFh and ‘ecf1’ at the offset of 17Ch-
17Fh in the I2C ROM. The firmware reads in the I2C ROM to configure the hardware and software
internally. Please refer to Section 8.3.2, "EEPROM Data Descriptor," on page 29 for the details of the
configuration options.
The SPI ROM required for the USB4640/USB4640i is a recommended minimum of 1 Mbit and support
either 30 MHz or 60 MHz. The frequency used is set using the SPI_SPD_SEL. For 30 MHz operation,
this pin must be pulled to ground through a 100 k
Ω resistor. For 60 MHz operation, this pin must pulled
up through a 100 k
Ω resistor.
The SPI_SPD_SEL pin is used to choose the speed of the SPI interface. During nRESET assertion,
this pin will be tri-stated with the weak pull-down resistor enabled. When nRESET is negated, the value
on the pin will be internally latched, and the pin will revert to SPI_DO functionality. The internal pull-
down will be disabled.
The firmware can determine the speed of operation on the SPI port by checking the SPI_SPEED in
the SPI_CTL register (0x2400 - RESET = 0x02). Both 1- and 2-bit SPI operation is supported. For
optimum throughput, a 2-bit SPI ROM is recommended. Both mode 0 and mode 3 SPI ROMS are also
supported.
Figure 6.4 SPI ROM Connection
Figure 6.5 I2C Connection
SPI ROM
SPI_CE_n
SPI_CLK / GPIO4 / SCL
SPI_DI
SPI_DO / GPIO5 / SDA / SPI_SPD_SEL
CE#
CLK
SI
SO
USB4640/40i
I2C ROM
SCL
SDA
3. 3 V
3. 3 V
10 K
10 K
USB4640/40i



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com