| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
56F8167 bảng dữ liệu(PDF) 48 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8167 bảng dữ liệu(HTML) 48 Page - Freescale Semiconductor, Inc |
|
48 / 182 page ![]() 56F8367 Technical Data, Rev. 9 48 Freescale Semiconductor Preliminary Figure 4-1 Flash Array Memory Maps Table 4-7 shows the page and sector sizes used within each Flash memory block on the chip. Note: Data Flash is NOT available on the 56F8167 device. Please see 56F8300 Peripheral User Manual for additional Flash information. Table 4-7 Flash Memory Partitions Flash Size Sectors Sector Size Page Size Program Flash 512KB 16 16K x 16 bits 1024 x 16 bits Data Flash 32KB 16 1024 x 16 bits 256 x 16 bits Boot Flash 32KB 4 4K x 16 bits 512 x 16 bits Data Memory DATA_FLASH_START + $3FFF DATA_FLASH_START + $0000 FM_BASE + $14 FM_BASE + $00 BOOT_FLASH_START + $3FFF BOOT_FLASH_START = $04_0000 FM_PROG_MEM_TOP = $01_FFFF BLOCK 0 Odd (2 Bytes) $00_0003 BLOCK 0 Even (2 Bytes) $00_0002 BLOCK 0 Odd (2 Bytes) $00_0001 BLOCK 0 Even (2 Bytes) $00_0000 BLOCK 1 Odd (2 Bytes) $02_0003 BLOCK 1 Even (2 Bytes) $02_0002 BLOCK 1 Odd (2 Bytes) $02_0001 BLOCK 1 Even (2 Bytes) $02_0000 Program Memory 32KB Boot 256KB Program Configure Field 256KB Program Banked Registers Unbanked Registers 32KB PROG_FLASH_START + $03_FFFF PROG_FLASH_START + $02_0000 PROG_FLASH_START + $01_FFFF PROG_FLASH_START = $00_0000 Note: Data Flash is NOT available in the 56F8167 device. |