công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB90F334APMC bảng dữ liệu(PDF) 26 Page - fujitsu semiconductor

tên linh kiện MB90F334APMC
Giải thích chi tiết về linh kiện  16-bit Microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJITSU [fujitsu semiconductor]
Trang chủ  
Logo FUJITSU - fujitsu semiconductor

MB90F334APMC bảng dữ liệu(HTML) 26 Page - fujitsu semiconductor

Back Button MB90F334APMC Datasheet HTML 22Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 23Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 24Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 25Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 26Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 27Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 28Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 29Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 30Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 72 page
background image
MB90330A Series
26
DS07-13734-7E
(Continued)
Address
Register
abbreviation
Register
Read/
Write
Resource name
Initial Value
000086H
TCDT
Timer Data Register Lower
R/W
16-bit Free-Run
Timer
0 0 0 0 0 0 0 0B
000087H
Timer Data Register Upper
R/W
0 0 0 0 0 0 0 0B
000088H
TCCS
Timer Control Status Register Lower
R/W
0 0 0 0 0 0 0 0B
000089H
Timer Control Status Register Upper
R/W
0 - - 0 0 0 0 0B
00008AH
CPCLR
Compare Clear Register Lower
R/W
XXXXXXXXB
00008BH
Compare Clear Register Upper
R/W
XXXXXXXXB
00008CH
to
00009AH
Prohibited
00009BH
DCSR
DMA Descriptor Channel
Specification Register
R/W
μDMAC
0 0 0 0 0 0 0 0B
00009CH
DSRL
DMA Status Register Lower
R/W
0 0 0 0 0 0 0 0B
00009DH
DSRH
DMA Status Register Upper
R/W
0 0 0 0 0 0 0 0B
00009EH
PACSR
Program Address Detection Control
Status Register
R/W
Address Match
Detection
0 0 0 0 0 0 0 0B
00009FH
DIRR
Delay Interruption Factor Generation/
Release Register
R/W
Delay Interrupt
- - - - - - - 0B
0000A0H
LPMCR
Low Power Consumption Mode
Control Register
R/W
Low Power
Consumption
Control Circuit
0 0 0 1 1 0 0 0B
0000A1H
CKSCR
Clock Selection Register
R/W
Clock
1 1 1 1 1 1 0 0B
0000A2H
Prohibited
0000A3H
0000A4H
DSSR
DMA Stop Status Register
R/W
μDMAC
0 0 0 0 0 0 0 0B
0000A5H
ARSR
Automatic Ready Function Selection
Register
W
External Pin
0 0 1 1- - 0 0B
0000A6H
HACR
External Address Output Control
Register
W
∗ ∗ ∗ ∗ ∗ ∗ ∗ ∗ B
0000A7H
EPCR
Bus Control Signal Selection Register
W
1 0 0 0
∗ 1 0 -B
0000A8H
WDTC
Watchdog Timer Control Register
R/W
Watchdog Timer
X - XXX 1 1 1B
0000A9H
TBTC
Time-base Timer Control Register
R/W
Time-base Timer
1 - - 0 0 1 0 0B
0000AAH
WTC
Watch Timer Control Register
R/W
Watch Timer
1 0 0 0 1 0 0 0B
0000ABH
Prohibited
0000ACH
DERL
DMA Enable Register Lower
R/W
μDMAC
0 0 0 0 0 0 0 0B
0000ADH
DERH
DMA Enable Register Upper
R/W
0 0 0 0 0 0 0 0B
0000AEH
FMCS
Flash Memory Control Status
Register
R/W
Flash Memory
I/F
0 0 0 X 0 0 0 0B
0000AFH
Prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com