công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB90F334APMC bảng dữ liệu(PDF) 38 Page - fujitsu semiconductor

tên linh kiện MB90F334APMC
Giải thích chi tiết về linh kiện  16-bit Microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJITSU [fujitsu semiconductor]
Trang chủ  
Logo FUJITSU - fujitsu semiconductor

MB90F334APMC bảng dữ liệu(HTML) 38 Page - fujitsu semiconductor

Back Button MB90F334APMC Datasheet HTML 34Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 35Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 36Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 37Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 38Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 39Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 40Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 41Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 42Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 72 page
background image
MB90330A Series
38
DS07-13734-7E
(Continued)
*6 :
• Applicable to pins: P00 to P07, P10 to P17, P20 to P27, P30 to P37, P40 to P47, P50 to P57, P70 to P77,
P80 to P87, P90 to P95, PB5, PB6
• Use within recommended operating conditions.
• Use at DC voltage (current)
• The +B signal should always be applied a limiting resistance placed between the +B signal and the
microcontroller.
• The value of the limiting resistance should be set so that when the +B signal is applied the input current to
the microcontroller pin does not exceed rated values, either instantaneously or for prolonged periods.
• Note that when the microcontroller drive current is low, such as in the power saving modes, the +B input
potential may pass through the protective diode and increase the potential at the VCC pin, and this may affect
other devices.
• Note that if a +B signal is input when the microcontroller power supply is off (not fixed at 0 V) , the power
supply is provided from the pins, so that incomplete operation may result.
• Note that if the +B input is applied during power-on, the power supply is provided from the pins and the
resulting supply voltage may not be sufficient to operate the power-on reset.
• Care must be taken not to leave the +B input pin open.
• Note that analog system input/output pins other than P60 to P67, P96, PA0 to PA7, PB0 to PB4, DVP, DVM,
HVP, HVM, UTEST, HCON
• Sample recommended circuits:
*7 : A peak value of an applicable one pin is specified as a maximum output current.
*8 : The average output current specifies the mean value of the current flowing in the relevant single pin during a
period of 100 ms.
*9 : The average total output current specifies the mean value of the currents flowing in all of the relevant pins during
a period of 100 ms.
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
P-ch
N-ch
VCC
R
• Input/output equivalent circuits
+B input (0 V to 16 V)
Limiting
resistance
Protective diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com