công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343 bảng dữ liệu(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C28343
Giải thích chi tiết về linh kiện  Delfino Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343 bảng dữ liệu(HTML) 73 Page - Texas Instruments

Back Button TMS320C28343 Datasheet HTML 69Page - Texas Instruments TMS320C28343 Datasheet HTML 70Page - Texas Instruments TMS320C28343 Datasheet HTML 71Page - Texas Instruments TMS320C28343 Datasheet HTML 72Page - Texas Instruments TMS320C28343 Datasheet HTML 73Page - Texas Instruments TMS320C28343 Datasheet HTML 74Page - Texas Instruments TMS320C28343 Datasheet HTML 75Page - Texas Instruments TMS320C28343 Datasheet HTML 76Page - Texas Instruments TMS320C28343 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 153 page
background image
4.8
Enhanced Controller Area Network (eCAN) Modules (eCAN-A and eCAN-B)
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
Delfino Microcontrollers
www.ti.com
SPRS516 – MARCH 2009
The CAN module has the following features:
• Fully compliant with CAN protocol, version 2.0B
• Supports data rates up to 1 Mbps
• Thirty-two mailboxes, each with the following properties:
–
Configurable as receive or transmit
–
Configurable with standard or extended identifier
–
Has a programmable receive mask
–
Supports data and remote frame
–
Composed of 0 to 8 bytes of data
–
Uses a 32-bit time stamp on receive and transmit message
–
Protects against reception of new message
–
Holds the dynamically programmable priority of transmit message
–
Employs a programmable interrupt scheme with two interrupt levels
–
Employs a programmable alarm on transmission or reception time-out
• Low-power mode
• Programmable wake-up on bus activity
• Automatic reply to a remote request message
• Automatic retransmission of a frame in case of loss of arbitration or error
• 32-bit local network time counter synchronized by a specific message (communication in conjunction
with mailbox 16)
• Self-test mode
–
Operates in a loopback mode receiving its own message. A "dummy" acknowledge is provided,
thereby eliminating the need for another node to provide the acknowledge bit.
NOTE
For a SYSCLKOUT of 300 MHz, the smallest bit rate possible is 11.719 kbps.
For a SYSCLKOUT of 200 MHz, the smallest bit rate possible is 7.8125 kbps.
The CAN has passed the conformance test per ISO/DIS 16845. Contact TI for test report and exceptions.
Submit Documentation Feedback
Peripherals
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com