công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343 bảng dữ liệu(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C28343
Giải thích chi tiết về linh kiện  Delfino Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343 bảng dữ liệu(HTML) 53 Page - Texas Instruments

Back Button TMS320C28343 Datasheet HTML 49Page - Texas Instruments TMS320C28343 Datasheet HTML 50Page - Texas Instruments TMS320C28343 Datasheet HTML 51Page - Texas Instruments TMS320C28343 Datasheet HTML 52Page - Texas Instruments TMS320C28343 Datasheet HTML 53Page - Texas Instruments TMS320C28343 Datasheet HTML 54Page - Texas Instruments TMS320C28343 Datasheet HTML 55Page - Texas Instruments TMS320C28343 Datasheet HTML 56Page - Texas Instruments TMS320C28343 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 153 page
background image
ExternalClockSignal
(Toggling0-V
DDIO
)
XCLKIN
X2
NC
X1
V
SSK
External Clock Signal
(Toggling 0 −VDD)
XCLKIN
X2
NC
X1
X1
X2
C1
C2
Crystal
V
SSK
V
DD18
1.8V
XCLKIN
3.6.1.1 External Reference Oscillator Clock Option
C
L
+
C
1C2
(C
1
) C2)
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
Delfino Microcontrollers
www.ti.com
SPRS516 – MARCH 2009
The three possible input-clock configurations are shown in Figure 3-10 through Figure 3-12.
Figure 3-10. Using a 3.3-V External Oscillator
Figure 3-11. Using a 1.8-V External Oscillator
Figure 3-12. Using the Internal Oscillator
The on-chip oscillator requires an external crystal to be connected across the X1 and X2 pins.
The connection of the required circuit, consisting of the crystal and two load capacitors, is shown in
Figure 3-12. The load capacitors, C1 and C2, must be chosen such that the equation below is satisfied
(typical values are on the order of C1=C2=10 pF). CL in the equation is the load specified for the crystal.
All discrete components used to implement the oscillator circuit must be placed as close as possible to the
associated oscillator pins (X1, X2, and VSSK).
NOTE
The external crystal load capacitors must be connected only to the oscillator ground pin
(VSSK). Do not connect to board ground (VSS).
Where: CL equals the crystal load capacitance.
Submit Documentation Feedback
Functional Overview
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com