công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343 bảng dữ liệu(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C28343
Giải thích chi tiết về linh kiện  Delfino Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343 bảng dữ liệu(HTML) 63 Page - Texas Instruments

Back Button TMS320C28343 Datasheet HTML 59Page - Texas Instruments TMS320C28343 Datasheet HTML 60Page - Texas Instruments TMS320C28343 Datasheet HTML 61Page - Texas Instruments TMS320C28343 Datasheet HTML 62Page - Texas Instruments TMS320C28343 Datasheet HTML 63Page - Texas Instruments TMS320C28343 Datasheet HTML 64Page - Texas Instruments TMS320C28343 Datasheet HTML 65Page - Texas Instruments TMS320C28343 Datasheet HTML 66Page - Texas Instruments TMS320C28343 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 153 page
background image
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
Delfino Microcontrollers
www.ti.com
SPRS516 – MARCH 2009
Table 4-3. ePWM5-9 Control and Status Registers
SIZE (x16) /
NAME
ePWM5
ePWM6
ePWM7
ePWM8
ePWM9
DESCRIPTION
#SHADOW
TBCTL
0x6900
0x6940
0x6980
0x69C0
0x6600
1 / 0
Time Base Control Register
TBSTS
0x6901
0x6941
0x6981
0x69C1
0x6601
1 / 0
Time Base Status Register
TBPHSHR
0x6902
0x6942
0x6982
0x69C2
0x6602
1 / 0
Time Base Phase HRPWM Register
TBPHS
0x6903
0x6943
0x6983
0x69C3
0x6603
1 / 0
Time Base Phase Register
TBCTR
0x6904
0x6944
0x6984
0x69C4
0x6604
1 / 0
Time Base Counter Register
TBPRD
0x6905
0x6945
0x6985
0x69C5
0x6605
1 / 1
Time Base Period Register Set
CMPCTL
0x6907
0x6947
0x6987
0x69C7
0x6607
1 / 0
Counter Compare Control Register
CMPAHR
0x6908
0x6948
0x6988
0x69C8
0x6608
1 / 1
Time Base Compare A HRPWM Register
CMPA
0x6909
0x6949
0x6989
0x69C9
0x6609
1 / 1
Counter Compare A Register Set
CMPB
0x690A
0x694A
0x698A
0x69CA
0x660A
1 / 1
Counter Compare B Register Set
AQCTLA
0x690B
0x694B
0x698B
0x69CB
0x660B
1 / 0
Action Qualifier Control Register For Output A
AQCTLB
0x690C
0x694C
0x698C
0x69CC
0x660C
1 / 0
Action Qualifier Control Register For Output B
AQSFRC
0x690D
0x694D
0x698D
0x69CD
0x660D
1 / 0
Action Qualifier Software Force Register
AQCSFRC
0x690E
0x694E
0x698E
0x69CE
0x660E
1 / 1
Action Qualifier Continuous S/W Force Register Set
DBCTL
0x690F
0x694F
0x698F
0x69CF
0x660F
1 / 1
Dead-Band Generator Control Register
DBRED
0x6910
0x6950
0x6990
0x69D0
0x6610
1 / 0
Dead-Band Generator Rising Edge Delay Count Register
DBFED
0x6911
0x6951
0x6991
0x69D1
0x6611
1 / 0
Dead-Band Generator Falling Edge Delay Count Register
TZSEL
0x6912
0x6952
0x6992
0x69D2
0x6612
1 / 0
Trip Zone Select Register
TZCTL
0x6914
0x6954
0x6994
0x69D4
0x6614
1 / 0
Trip Zone Control Register
TZEINT
0x6915
0x6955
0x6995
0x69D5
0x6615
1 / 0
Trip Zone Enable Interrupt Register
TZFLG
0x6916
0x6956
0x6996
0x69D6
0x6616
1 / 0
Trip Zone Flag Register
TZCLR
0x6917
0x6957
0x6997
0x69D7
0x6617
1 / 0
Trip Zone Clear Register
TZFRC
0x6918
0x6958
0x6998
0x69D8
0x6618
1 / 0
Trip Zone Force Register
ETSEL
0x6919
0x6959
0x6999
0x69D9
0x6619
1 / 0
Event Trigger Selection Register
ETPS
0x691A
0x695A
0x699A
0x69DA
0x661A
1 / 0
Event Trigger Prescale Register
ETFLG
0x691B
0x695B
0x699B
0x69DB
0x661B
1 / 0
Event Trigger Flag Register
ETCLR
0x691C
0x695C
0x699C
0x69DC
0x661C
1 / 0
Event Trigger Clear Register
ETFRC
0x691D
0x695D
0x699D
0x69DD
0x661D
1 / 0
Event Trigger Force Register
PCCTL
0x691E
0x695E
0x699E
0x69DE
0x661E
1 / 0
PWM Chopper Control Register
HRCNFG
0x6920
0x6960
0x69A0
0x69E0
0x6620
1 / 0
HRPWM Configuration Register(1)
(1)
Registers that are EALLOW protected.
Submit Documentation Feedback
Peripherals
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com