công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343 bảng dữ liệu(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C28343
Giải thích chi tiết về linh kiện  Delfino Microcontrollers
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343 bảng dữ liệu(HTML) 39 Page - Texas Instruments

Back Button TMS320C28343 Datasheet HTML 35Page - Texas Instruments TMS320C28343 Datasheet HTML 36Page - Texas Instruments TMS320C28343 Datasheet HTML 37Page - Texas Instruments TMS320C28343 Datasheet HTML 38Page - Texas Instruments TMS320C28343 Datasheet HTML 39Page - Texas Instruments TMS320C28343 Datasheet HTML 40Page - Texas Instruments TMS320C28343 Datasheet HTML 41Page - Texas Instruments TMS320C28343 Datasheet HTML 42Page - Texas Instruments TMS320C28343 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 153 page
background image
3.2
Brief Descriptions
3.2.1
C28x CPU
3.2.2
Memory Bus (Harvard Bus Architecture)
3.2.3
Peripheral Bus
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
Delfino Microcontrollers
www.ti.com
SPRS516 – MARCH 2009
The C2834x (C28x+FPU) family is a member of the TMS320C2000™ microcontroller (MCU) platform. The
C28x+FPU based controllers have the same 32-bit fixed-point architecture as TI's existing C28x MCUs,
but also include a single-precision (32-bit) IEEE 754 floating-point unit (FPU). It is a very efficient C/C++
engine, enabling users to develop their system control software in a high-level language. It also enables
math algorithms to be developed using C/C++. The device is as efficient in DSP math tasks as it is in
system control tasks. This efficiency removes the need for a second processor in many systems. The 32 x
32-bit MAC 64-bit processing capabilities enable the controller to handle higher numerical resolution
problems efficiently. Add to this the fast interrupt response with automatic context save of critical registers,
resulting in a device that is capable of servicing many asynchronous events with minimal latency. The
device has an 8-level-deep protected pipeline with pipelined memory accesses. This pipelining enables it
to
execute
at
high
speeds
without
resorting
to
expensive
high-speed
memories.
Special
branch-look-ahead hardware minimizes the latency for conditional discontinuities. Special store conditional
operations further improve performance.
As with many MCU type devices, multiple busses are used to move data between the memories and
peripherals and the CPU. The C28x memory bus architecture contains a program read bus, data read bus
and data write bus. The program read bus consists of 22 address lines and 32 data lines. The data read
and write busses consist of 32 address lines and 32 data lines each. The 32-bit-wide data busses enable
single cycle 32-bit operations. The multiple bus architecture, commonly termed Harvard Bus, enables the
C28x to fetch an instruction, read a data value and write a data value in a single cycle. All peripherals and
memories attached to the memory bus will prioritize memory accesses. Generally, the priority of memory
bus accesses can be summarized as follows:
Highest:
Data Writes
(Simultaneous data and program writes cannot occur on the memory
bus.)
Program Writes (Simultaneous data and program writes cannot occur on the memory
bus.)
Data Reads
Program
(Simultaneous program reads and fetches cannot occur on the memory
Reads
bus.)
Lowest:
Fetches
(Simultaneous program reads and fetches cannot occur on the memory
bus.)
To enable migration of peripherals between various Texas Instruments (TI) MCU family of devices, the
C2834x devices adopt a peripheral bus standard for peripheral interconnect. The peripheral bus bridge
multiplexes the various busses that make up the processor Memory Bus into a single bus consisting of 16
address lines and 16 or 32 data lines and associated control signals. Three versions of the peripheral bus
are supported. One version supports only 16-bit accesses (called peripheral frame 2). Another version
supports both 16- and 32-bit accesses (called peripheral frame 1). The third version supports DMA access
and both 16- and 32-bit accesses (called peripheral frame 3).
Submit Documentation Feedback
Functional Overview
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com