| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EP1M350 bảng dữ liệu(PDF) 40 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP1M350 bảng dữ liệu(HTML) 40 Page - Altera Corporation |
|
40 / 86 page ![]() 40 Altera Corporation Mercury Programmable Logic Device Family Data Sheet Input/Output Clock Mode An ESB using input/output clock mode can also use up to four clocks. On each of the two ports, A or B, one clock controls all registers for inputs into the ESB: data input, WE, RE, read address, and write address. The other clock controls the ESB data output registers. Each ESB port, A or B, also supports independent read clock enable, write clock enable, and asynchronous clear signals. Input/output clock mode is commonly used for applications where the reads and writes occur at the same system frequency, but require different clock enable signals for the input and output registers. Figure 20 shows the ESB in input/output clock mode. |