| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EP1M350 bảng dữ liệu(PDF) 46 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP1M350 bảng dữ liệu(HTML) 46 Page - Altera Corporation |
|
46 / 86 page ![]() 46 Altera Corporation Mercury Programmable Logic Device Family Data Sheet Figure 25. ESB Control Signal Generation The ESB can drive row interconnects within its own ESB row and can directly drive all the column interconnects: column, priority column, and leap lines. Implementing Logic in ROM In addition to implementing RAM functions, the ESB can implement logic functions when it is programmed with a read-only pattern during configuration, creating a large LUT. With LUTs, combinatorial functions are implemented by looking up the results, rather than by computing them. This implementation of combinatorial functions can be faster than using algorithms implemented in general logic, a performance advantage further enhanced by the fast access times of ESBs. The large capacity of ESBs enables designers to implement complex functions in one logic level without the routing delays associated with linked LEs or distributed RAM blocks. Parameterized functions such as LPM functions can take advantage of the ESB automatically. Further, the Quartus II software can implement portions of a design with ESBs where appropriate. INCLOCK INCLOCKEN OUTCLOCK OUTCLOCKEN Dedicated Clocks Fast Global Signals Local Interconnect Local Interconnect Local Interconnect Local Interconnect 4 6 Local Interconnect Local Interconnect WREN INCLR OUTCLR RDEN |