| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EP1M350 bảng dữ liệu(PDF) 32 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP1M350 bảng dữ liệu(HTML) 32 Page - Altera Corporation |
|
32 / 86 page ![]() 32 Altera Corporation Mercury Programmable Logic Device Family Data Sheet Figure 15. Leap Line Interconnect FastLUT Interconnect Mercury devices include an enhanced interconnect structure within LABs for faster routing of LE output to LE input connections. The FastLUT connection allows the combinatorial output of an LE to directly drive the fast input of the LE directly below it, bypassing the local interconnect. This resource can be used as a high speed connection for wide fan-in functions from LE 1 to LE 10 in the same LAB. Figure 16 shows a FastLUT interconnect. LAB Row n-1 LAB Row n LAB Row n+1 Priority Row and Row RapidLAB Leap Line Leap Line LE 10 LE 9 LE 8 LE 7 LE 6 LE 5 LE 4 LE 3 LE 2 LE 1 LE 10 LE 9 LE 8 LE 7 LE 6 LE 5 LE 4 LE 3 LE 2 LE 1 LE 10 LE 9 LE 8 LE 7 LE 6 LE 5 LE 4 LE 3 LE 2 LE 1 |