| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EP1M350 bảng dữ liệu(PDF) 27 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP1M350 bảng dữ liệu(HTML) 27 Page - Altera Corporation |
|
27 / 86 page ![]() Altera Corporation 27 Mercury Programmable Logic Device Family Data Sheet 13 For a typical 16 × 16-bit binary tree multiplier, five stages are needed to determine the final product. The Mercury LE multiplier mode allows the partial product formation stage (Stage 1) and the first sum of stages (Stage 2) to be combined in a single stage, shown in Figure 13. This feature, combined with the direct connection between RapidLAB lines and LEs in multiplier mode, allows the fast dedicated implementation of multipliers. |