| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EP1M350 bảng dữ liệu(PDF) 15 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP1M350 bảng dữ liệu(HTML) 15 Page - Altera Corporation |
|
15 / 86 page ![]() Altera Corporation 15 Mercury Programmable Logic Device Family Data Sheet 13 Figure 5. Mercury LAB Structure Notes to Figure 5: (1) Priority column lines drive priority row lines, but not other row lines. (2) The RapidLAB interconnect can be driven by priority column lines, but not other column lines. (3) In multiplier mode, the RapidLAB interconnect drives LEs directly. Mercury devices use an interleaved LAB structure, which allows each LAB to drive two local interconnect areas. Every other LE drives to either the left or right local interconnect area, alternating by LE. The local interconnect can drive LEs within the same LAB or adjacent LABs. This feature minimizes use of the row and column interconnects, providing higher performance and flexibility. Each LAB structure can drive 30 LEs through fast local interconnects. The 10 LEs in the LAB are driven by two local interconnect areas. The LAB can drive two local interconnect areas. Local Interconnect Column and Priority Column Interconnect (1) Row and Priority Row Interconnect (1) RapidLAB Interconnect to LAB in Row Above to LAB in Row Below Leap Line Interconnect (2) (3) (3) |