công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 288 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 288 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 284Page - Renesas Technology Corp H8S/2437 Datasheet HTML 285Page - Renesas Technology Corp H8S/2437 Datasheet HTML 286Page - Renesas Technology Corp H8S/2437 Datasheet HTML 287Page - Renesas Technology Corp H8S/2437 Datasheet HTML 288Page - Renesas Technology Corp H8S/2437 Datasheet HTML 289Page - Renesas Technology Corp H8S/2437 Datasheet HTML 290Page - Renesas Technology Corp H8S/2437 Datasheet HTML 291Page - Renesas Technology Corp H8S/2437 Datasheet HTML 292Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 746 page
background image
Rev. 1.00, 09/03, page 250 of 704
Bit
Bit Name
Initial Value
R/W
Description
4
OCRS
0
R/W
Output Compare Register Select
OCRA and OCRB share the same address. When this
address is accessed, the OCRS bit selects which
register is accessed. The operation of OCRA or OCRB
is not affected.
0: OCRA is selected
1: OCRB is selected
3
OEA
0
R/W
Output Enable A
Enables or disables output of the output compare A
output pin (FTOA).
0: Output compare A output is disabled
1: Output compare A output is enabled
2
OEB
0
R/W
Output Enable B
Enables or disables output of the output compare B
output pin (FTOB).
0: Output compare B output is disabled
1: Output compare B output is enabled
1
OLVLA
0
R/W
Output Level A
Selects the level to be output at the output compare A
output pin (FTOA) in response to compare-match A
(signal indicating a match between the FRC and OCRA
values). When the OCRAMS bit is 1, this bit is ignored.
0: 0 is output at compare-match A
1: 1 is output at compare-match A
0
OLVLB
0
R/W
Output Level B
Selects the level to be output at the output compare B
output pin (FTOB) in response to compare-match B
(signal indicating a match between the FRC and OCRB
values).
0: 0 is output at compare-match B
1: 1 is output at compare-match B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com