công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 287 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 287 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 283Page - Renesas Technology Corp H8S/2437 Datasheet HTML 284Page - Renesas Technology Corp H8S/2437 Datasheet HTML 285Page - Renesas Technology Corp H8S/2437 Datasheet HTML 286Page - Renesas Technology Corp H8S/2437 Datasheet HTML 287Page - Renesas Technology Corp H8S/2437 Datasheet HTML 288Page - Renesas Technology Corp H8S/2437 Datasheet HTML 289Page - Renesas Technology Corp H8S/2437 Datasheet HTML 290Page - Renesas Technology Corp H8S/2437 Datasheet HTML 291Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 746 page
background image
Rev. 1.00, 09/03, page 249 of 704
Bit
Bit Name
Initial Value
R/W
Description
1
0
CKS1
CKS0
0
0
R/W
R/W
Clock Select 1, 0
Select clock source for FRC.
00: Count on internal clock
φ/2
01: Count on internal clock
φ/8
10: Count on internal clock
φ/32
11: Count on rising edge of external clock input signal
(FTCI)
10.3.9
Timer Output Compare Control Register (TOCR)
TOCR enables output from the output compare pins, selects the output levels, switches access
between output compare registers A and B, controls the ICRD and OCRA operating modes, and
switches access to input capture registers A, B, and C.
Bit
Bit Name
Initial Value
R/W
Description
7
ICRDMS
0
R/W
Input Capture D Mode Select
Specifies whether ICRD is used in normal operating
mode or in operating mode using OCRDM.
0: Normal operating mode is specified for ICRD
1: Operating mode using OCRDM is specified for ICRD
6
OCRAMS
0
R/W
Output Compare A Mode Select
Specifies whether OCRA is used in normal operating
mode or in operating mode using OCRAR and OCRAF.
0: Normal operating mode is specified for OCRA
1: Operating mode using OCRAR and OCRAF is
specified for OCRA
5
ICRS
0
R/W
Input Capture Register Select
The same addresses are shared by ICRA and OCRAR,
by ICRB and OCRAF, and by ICRC and OCRDM. The
ICRS bit determines which registers are selected when
the shared addresses are read from or written to. The
operation of ICRA, ICRB, and ICRC is not affected.
0: ICRA, ICRB, and ICRC are selected
1: OCRAR, OCRAF, and OCRDM are selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com