công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 277 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 277 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 273Page - Renesas Technology Corp H8S/2437 Datasheet HTML 274Page - Renesas Technology Corp H8S/2437 Datasheet HTML 275Page - Renesas Technology Corp H8S/2437 Datasheet HTML 276Page - Renesas Technology Corp H8S/2437 Datasheet HTML 277Page - Renesas Technology Corp H8S/2437 Datasheet HTML 278Page - Renesas Technology Corp H8S/2437 Datasheet HTML 279Page - Renesas Technology Corp H8S/2437 Datasheet HTML 280Page - Renesas Technology Corp H8S/2437 Datasheet HTML 281Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 746 page
background image
TIM8FR1A_000020020300
Rev. 1.00, 09/03, page 239 of 704
Section 10 16-Bit Free-Running Timer (FRT)
This LSI has an on-chip 16-bit free-running timer (FRT) with two channels. The FRT operates on
the basis of the 16-bit free-running counter (FRC), and outputs two independent waveforms, and
measures the input pulse width and external clock periods.
10.1
Features
• Selection of four clock sources
One of the three internal clocks (
φ/2, φ/8, or φ/32), or an external clock input can be selected
(enabling use as an external event counter).
• Two independent comparators
Two independent waveforms can be output.
• Four independent input captures
The rising or falling edge can be selected.
Buffer modes can be specified.
• Counter clearing
The free-running counters can be cleared on compare-match A.
• Fourteen independent interrupts
Two compare-match interrupts, four input capture interrupts, and one overflow interrupt can be
requested independently for each channel.
• Special functions provided by automatic addition function
The contents of OCRAR and OCRAF can be added to the contents of OCRA automatically,
enabling a periodic waveform to be generated without software intervention. The contents of
ICRD can be added automatically to the contents of OCRDM
× 2, enabling input capture
operations in this interval to be restricted.
Figure 10.1 shows a block diagram of the FRT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com