công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 274 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 274 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 270Page - Renesas Technology Corp H8S/2437 Datasheet HTML 271Page - Renesas Technology Corp H8S/2437 Datasheet HTML 272Page - Renesas Technology Corp H8S/2437 Datasheet HTML 273Page - Renesas Technology Corp H8S/2437 Datasheet HTML 274Page - Renesas Technology Corp H8S/2437 Datasheet HTML 275Page - Renesas Technology Corp H8S/2437 Datasheet HTML 276Page - Renesas Technology Corp H8S/2437 Datasheet HTML 277Page - Renesas Technology Corp H8S/2437 Datasheet HTML 278Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 746 page
background image
Rev. 1.00, 09/03, page 236 of 704
tf1
tf2
tf255
tf256
tH1
tH2
tH3
tH255
tH256
1 conversion cycle
tf1 = tf2 = tf3 = ··· = tf255 = tf256 = T 64
tH1 + tH2 + tH3 + ··· + tH255 + tH256 = TH
tf1
tf2
tf63
tf64
tH1
tH2
tH3
tH63
tH64
1 conversion cycle
tf1 = tf2 = tf3 = ··· = tf63 = tf64 = T 256
tH1 + tH2 + tH3 + ··· + tH63 + tH64 = TH
a. CFS = 0 [base cycle = resolution (T)
64]
b. CFS = 1 [base cycle = resolution (T)
256]
Figure 9.4 Output Waveform (OS = 1, DADR Corresponds to T
H)
An example of the additional pulses when CFS = 1 (base cycle = resolution (T)
× 256) and OS = 1
(inverted PWM output) is described below. When CFS = 1, the upper eight bits (DA13 to DA6) in
DADR determine the duty cycle of the base pulse while the subsequent six bits (DA5 to DA0)
determine the locations of the additional pulses as shown in figure 9.5.
Table 9.5 lists the locations of the additional pulses.
DA13 DA12 DA11 DA10 DA9
DA8
DA7
DA6
DA5
DA4
DA3
DA2
DA1
DA0
CFS
11
Duty cycle of base pulse
Location of additional pulses
Figure 9.5 D/A Data Register Configuration when CFS = 1
In this example, DADR = H'0207 (B'0000 0010 0000 0111). The output waveform is shown in
figure 9.6. Since CFS = 1 and the value of the upper eight bits is B'0000 0010, the high width of
the base pulse duty cycle is 2/256
× (T).
Since the value of the subsequent six bits is B'0000 01, an additional pulse is output only at the
location of base pulse No. 63 according to table 9.5. Thus, an additional pulse of 1/256
× (T) is to
be added to the base pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com